Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1187CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1187CS8
Description  Low Power Video Difference Amplifi er
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1187CS8 Datasheet(HTML) 5 Page - Linear Technology

  LT1187CS8 Datasheet HTML 1Page - Linear Technology LT1187CS8 Datasheet HTML 2Page - Linear Technology LT1187CS8 Datasheet HTML 3Page - Linear Technology LT1187CS8 Datasheet HTML 4Page - Linear Technology LT1187CS8 Datasheet HTML 5Page - Linear Technology LT1187CS8 Datasheet HTML 6Page - Linear Technology LT1187CS8 Datasheet HTML 7Page - Linear Technology LT1187CS8 Datasheet HTML 8Page - Linear Technology LT1187CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT1187
5
1187fa
TYPICAL PERFORMANCE CHARACTERISTICS
Input Bias Current vs
Common Mode Voltage
Input Bias Current vs Temperature
Common Mode Voltage vs
Temperature
Equivalent Input Noise Voltage vs
Frequency
Equivalent Input Noise Current vs
Frequency
Supply Current vs Supply Voltage
Shutdown Supply Current vs
Temperature
Gain Error vs Temperature
Open-Loop Gain vs Temperature
COMMON MODE VOLTAGE (V)
–5
–0.5
0
0.5
1.5
2.5
–3
0
2
4
LT1187 • TPC01
–4
–2
1
3
125
°C
–55
°C
25
°C
VS = ±5V
–1
5
1.0
2.0
3.0
TEMPERATURE (
°C)
–50
– 400
–300
–200
–100
0
100
0
25
75
125
LT1187 • TPC02
–25
50
100
+IB
–IB
IOS
TEMPERATURE (
°C)
2.0
V+
– 50
25
75
125
LT1187 • TPC03
V –
0
1.0
–1.0
–2.0
–0.5
–1.5
1.5
0.5
–25
50
100
V+ = 1.8V TO 9V
V+ = –1.8V TO –9V
FREQUENCY (Hz)
300
400
500
10
1k
10k
100k
LT1187 • TPC04
0
100
200
VS = ±5V
TA = 25°C
RS = 0Ω
100
600
FREQUENCY (Hz)
2
12
10
1k
10k
100k
LT1187 • TPC05
0
100
6
4
8
10
VS = ±5V
TA = 25°C
RS = 100k
±SUPPLY VOLTAGE (V)
0
8
12
14
16
246
10
LT1187 • TPC06
8
–55
°C
25
°C
125
°C
10
TEMPERATURE (
°C)
–50
0
2
3
4
5
6
0
25
75
125
LT1187 • TPC07
1
–25
50
100
VS/D = –VEE + 0.6V
VS/D = –VEE
VS/D = –VEE + 0.4V
VS = ±5V
VS/D = –VEE + 0.2V
TEMPERATURE (
°C)
LT1187 • TPC08
–50
–0.20
–0.10
–0.05
0
0
50
100
125
–0.15
–25
25
75
VS = ±5V
VOUT = ±2V
AV = 10
RL = 1k
0
2
4
6
8
TEMPERATURE (
°C)
–50
0
50
100
125
LT1187 • TPC09
–25
25
75
RL = 1k
RL = 500Ω
VS = ±5V
VO = ±3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com