Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2140 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2140
Description  Evaluation Kit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2140 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2140_1 Datasheet HTML 1Page - Maxim Integrated Products MAX2140_1 Datasheet HTML 2Page - Maxim Integrated Products MAX2140_1 Datasheet HTML 3Page - Maxim Integrated Products MAX2140_1 Datasheet HTML 4Page - Maxim Integrated Products MAX2140_1 Datasheet HTML 5Page - Maxim Integrated Products MAX2140_1 Datasheet HTML 6Page - Maxim Integrated Products MAX2140_1 Datasheet HTML 7Page - Maxim Integrated Products MAX2140_1 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Quick Start
The MAX2140 EV kit is fully assembled and factory test-
ed. Follow the instructions in the Connections and
Setup section for proper device evaluation.
Test Equipment Required
This section lists the recommended test equipment to
verify operation of the MAX2140. It is intended as a
guide only, and some substitutions are possible:
• One RF signal generator capable of delivering at
least +5dBm of output power at the operating fre-
quency (HPE4433B, or equivalent)
• One RF power sensor capable of handling at least
+20dBm of output power at the operating frequency
(HP 8482A, or equivalent)
• One RF power meter capable of measuring up to
+20dBm of output power at the operating frequency
(HP 437B, or equivalent)
• An RF spectrum analyzer that covers the MAX2140
operating frequency range, as well as a few harmon-
ics (FSEB20, for example)
•A power supply capable of up to 1A at +2.7V to
+6.0V
• One ammeter for measuring the supply current
(optional)
•50Ω SMA cables
•A network analyzer (HP 8753D, for example) to mea-
sure small-signal return loss and gain (optional)
MAX2140 Evaluation Kit
2
_______________________________________________________________________________________
DESIGNATION
QTY
DESCRIPTION
L11
1
22nH
±5% inductor
0603CS-22NXJBC
L12
1
33nH, 25 0402 inductor
Murata LQP15MN33NG00
L13
1
Open
R1
1
0
Ω 0603 resistor
R4, R12, R15,
R20
4
51.1
Ω 0603 resistors
R8, R9
2
Open
R25, R26, R32,
R33, R39
5
100
Ω 0603 resistors
R30, R31, R40,
R41
4
5.1k
Ω 0603 resistors
+5V, -5V, GND
3
2-pin headers
Digi-Key 1 x 2 header S1012-36-ND
ADR1, ADR2,
JU1, VCC
4
Jumper blocks using 3-pin SIP
headers
Digi-Key 1 x 3 header S1012-36-ND
I, Q
2
50
Ω BNC PC board receptacles
(jacks)
Amphenol 31-5239-52RFX
JRFIN, PWM,
REFIN,
REF_TEST,
SAWIN,
SAWOUT
6
SMA end launch jack receptacles
0.062in
Johnson 142-0701-801
Component List (continued)
DESIGNATION
QTY
DESCRIPTION
LOCK, RFAGC,
VINANT,
VOUTANT
4
Jumper blocks, 2-pin two 0.1in
spacing 1 x 2 headers
Digi-Key S1012-36-nd
TCL, TDA,
TGND
3
Jumper blocks, 2-pin 0.1in spacing
Digi-Key 5000K-ND
U1
1
Maxim MAX2140ETH
U2, U3
2
Differential to single-ended line
receivers
MAX4444ESE
U4
1
259.861MHz saw filter
RF Monolithics, Inc. SF2025B
U5
1
Low-dropout linear regulator
MAX8877EUK28
U6
1
Buffer/line driver
Texas Instruments
SN74LVTH244ADBR
U7
1
2338.755MHz multilayer chip
bandpass filter
TOKO LTF3216BU-F2R3B
U8
1
Closed-loop buffer
MAX4178EUK-T
Y2
1
23.92MHz crystal
Epson Q24FA23H0000701



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com