Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1192CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1192CS8
Description  Ultrahigh Speed Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1192CS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1192CS8 Datasheet HTML 3Page - Linear Technology LT1192CS8 Datasheet HTML 4Page - Linear Technology LT1192CS8 Datasheet HTML 5Page - Linear Technology LT1192CS8 Datasheet HTML 6Page - Linear Technology LT1192CS8 Datasheet HTML 7Page - Linear Technology LT1192CS8 Datasheet HTML 8Page - Linear Technology LT1192CS8 Datasheet HTML 9Page - Linear Technology LT1192CS8 Datasheet HTML 10Page - Linear Technology LT1192CS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1192
Small-Signal Transient Response
TEMPERATURE (
°C)
–50
300
400
500
600
–25
125
LT1192 • TPC19
0
25
50
75
100
VS = ±5V
TA = 25°C
RL = 1k
VO = ±2V
+SLEW RATE
–SLEW RATE
SETTLING TIME (ns)
20
–4
–2
2
4
40
160
LT1192 • TPC20
60
80
100
120
140
1mV
1mV
10mV
10mV
VS = ±5V
TA = 25°C
RL = 1k
0
SETTLING TIME (ns)
50
–4
–2
2
4
200
LT1192 • TPC21
100
150
0
VS = ±5V
TA = 25°C
RL = 1k
1mV
10mV
1mV
10mV
Output Overload
Large-Signal Transient Response
Slew Rate vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
Output Voltage Step
vs Settling Time, AV = – 5
Output Voltage Step
vs Settling Time, AV = 5
LT1192 • TPC22
AV = 5, CL = 10pF SCOPE PROBE
LT1192 • TPC24
AV = 10, VIN = 1.2VP-P
LT1192 • TPC23
AV = 5, SMALL-SIGNAL RISE TIME,
WITH FET PROBES
APPLICATIO S I FOR ATIO
Power Supply Bypassing
The LT1192 is quite tolerant of power supply bypassing.
In some applications a 0.1
µF ceramic disc capacitor
placed 1/2 inch from the amplifier is all that is required. A
scope photo of the amplifier output with no supply by-
passing is used to demonstrate this bypassing tolerance,
RL = 1k.
In most applications, and those requiring good settling
time, it is important to use multiple bypass capacitors. A
0.1
µF ceramic disc in parallel with a 4.7µF tantalum is
recommended. Two oscilloscope photos with different
bypass conditions are used to illustrate the settling time
characteristics of the amplifier. Note that although the
output waveform looks acceptable at 1V/DIV, when
No Supply Bypass Capacitors
LT1192 • TA04
AV = – 5, IN DEMO BOARD, RL = 1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com