Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1206 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1206
Description  250mA/60MHz Current Feedback Amplifi er
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1206 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1206 Datasheet HTML 8Page - Linear Technology LT1206 Datasheet HTML 9Page - Linear Technology LT1206 Datasheet HTML 10Page - Linear Technology LT1206 Datasheet HTML 11Page - Linear Technology LT1206 Datasheet HTML 12Page - Linear Technology LT1206 Datasheet HTML 13Page - Linear Technology LT1206 Datasheet HTML 14Page - Linear Technology LT1206 Datasheet HTML 15Page - Linear Technology LT1206 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT1206
13
1206fa
TYPICAL APPLICATIONS
Precision
×10 Hi Current Amplifier
CMOS Logic to Shutdown Interface
+
LT1097
+
LT1206
VIN
S/D
COMP
0.01
µF
3k
330
10k
1k
OUT
OUTPUT OFFSET: < 500
µV
SLEW RATE: 2V/
µs
BANDWIDTH: 4MHz
STABLE WITH CL < 10nF
LT1206 • TA03
500pF
+
LT1206
S/D
–15V
15V
24k
10k
5V
2N3904
LT1206 • TA05
Low Noise
×10 Buffered Line Driver
+
LT1115
1
µF
15V
1
µF
–15V
68pF
1
µF
15V
1
µF
+
LT1206
0.01
µF
–15V
560
560
909
100
RL
OUTPUT
RL = 32Ω
VO = 5VRMS
THD + NOISE = 0.0009% AT 1kHz
= 0.004% AT 20kHz
SMALL SIGNAL 0.1dB BANDWIDTH = 600kHz
LT1206 • TA04
S/D
+
+
+
LT1206
S/D
75
VIN
RF
RG
75
75
75
75
75
Ω CABLE
LT1206 • TA06
Distribution Amplifier
Buffer AV = 1
+
LT1206
S/D
0.01
µF*
VOUT
RF**
VIN
LT1206 • TA07
OPTIONAL, USE WITH CAPACITIVE LOADS
VALUE OF RF DEPENDS ON SUPPLY
VOLTAGE AND LOADING. SELECT
FROM TYPICAL AC PERFORMANCE
TABLE OR DETERMINE EMPIRICALLY
*
**
COMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com