Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZDP323B2 Datasheet(PDF) 10 Page - Zilog, Inc.

Part # ZDP323B2
Description  ZDP323B Series Digital PIR Sensor with I2C Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZDP323B2 Datasheet(HTML) 10 Page - Zilog, Inc.

Back Button ZDP323B2 Datasheet HTML 6Page - Zilog, Inc. ZDP323B2 Datasheet HTML 7Page - Zilog, Inc. ZDP323B2 Datasheet HTML 8Page - Zilog, Inc. ZDP323B2 Datasheet HTML 9Page - Zilog, Inc. ZDP323B2 Datasheet HTML 10Page - Zilog, Inc. ZDP323B2 Datasheet HTML 11Page - Zilog, Inc. ZDP323B2 Datasheet HTML 12Page - Zilog, Inc. ZDP323B2 Datasheet HTML 13Page - Zilog, Inc. ZDP323B2 Datasheet HTML 14Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
ZDP323B Series Digital PIR Sensor
Product Specification
____________________________________________________________________________
PS041703-0324 - Preliminary
Page 7
9.4
Writing to the Configuration Register
The Configuration Register data consists of 56 bits and controls the operation of the Digital
PIR Sensor. The device can support either a 10-bit I2C transaction or a 7-bit General Call
transaction. Both transaction types are shown in the following figures.
The configuration register bits are sent to the sensor directly after sending the slave
address (or General Call Address). No internal device addressing is required. Configuration
bits are sent sequentially starting with bit 55 (Most Significant Bit first).
If the configuration register is not set after power on, the default values are applied for
Detection Threshold, Digital band pass filter step and Digital band pass filter type.
See Table 4 for configuration register bit definitions and default values.
SDA (Pin 1)
SCL (Pin 3)
SDA (Pin 1)
SCL (Pin 3)
Start
0
0
0
0
0
SA6 SA5 SA4 SA3 SA2 SA1 SA0
0
0
Slave Address (7-bit)
W
ACK
0
0
0
0
0
B55 B54 B53 B52 B51 B50 B49
0
0
Register Data
B48
0
ACK
0
0
0
0
B47 B46 B45 B43
Register Data
Stop
ACK
0
0
0
0
0
B7
B6
B5
B4
B3
B2
B1
0
0
Register Data
B0
0
ACK
0
0
0
B13 B12 B11 B10
B9
0
0
Register Data
B8
0
Figure 9 - Configuration Register Write (7-bit Address)
SDA (Pin 1)
SCL (Pin 3)
SDA (Pin 1)
SCL (Pin 3)
Start
1
1
1
1
0
1
1
1
1
0
SA9 SA8
1
1
Slave Address (Upper 2-bits)
W
ACK
0
0
0
0
0
SA7 SA6 SA5 SA4 SA3 SA2 SA1
X
X
Slave Address (Lower 8-bits
SA0
X
ACK
0
0
0
0
B55 B54 B53 B52
Register Data
Stop
ACK
0
0
0
0
0
B7
B6
B5
B4
B3
B2
B1
0
0
Register Data
B0
0
ACK
0
0
0
B13 B12 B11 B10
B9
0
0
Register Data
B8
0
Figure 10 - Configuration Register Write (10-bit Address)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com