Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1210CS Datasheet(PDF) 4 Page - Linear Technology

Part # LT1210CS
Description  1.1A, 35MHz Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1210CS Datasheet(HTML) 4 Page - Linear Technology

  LT1210CS Datasheet HTML 1Page - Linear Technology LT1210CS Datasheet HTML 2Page - Linear Technology LT1210CS Datasheet HTML 3Page - Linear Technology LT1210CS Datasheet HTML 4Page - Linear Technology LT1210CS Datasheet HTML 5Page - Linear Technology LT1210CS Datasheet HTML 6Page - Linear Technology LT1210CS Datasheet HTML 7Page - Linear Technology LT1210CS Datasheet HTML 8Page - Linear Technology LT1210CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1210
1210fa
RSD = 0Ω, IS = 30mA, VS = ±5V, Peaking ≤ 1dB
– 3dB BW
AV
RL
RF
RG
(MHz)
– 1
150
549
549
52.5
30
590
590
39.7
10
619
619
26.5
1
150
604
–
53.5
30
649
–
39.7
10
619
–
27.4
2
150
562
562
51.8
30
590
590
38.8
10
576
576
27.4
10
150
392
43.2
48.4
30
383
42.2
40.3
10
215
23.7
36.0
RSD = 0Ω, IS = 35mA, VS = ±15V, Peaking ≤ 1dB
– 3dB BW
AV
RL
RF
RG
(MHz)
– 1
150
604
604
66.2
30
649
649
48.4
10
665
665
46.5
1
150
750
–
56.8
30
866
–
35.4
10
845
–
24.7
2
150
665
665
52.5
30
715
715
38.9
10
576
576
35.0
10
150
453
49.9
61.5
30
432
47.5
43.1
10
221
24.3
45.5
RSD = 7.5k, IS = 15mA, VS = ±5V, Peaking ≤ 1dB
– 3dB BW
AV
RL
RF
RG
(MHz)
– 1
150
562
562
39.7
30
619
619
28.9
10
604
604
20.5
1
150
634
–
41.9
30
681
–
29.7
10
649
–
20.7
2
150
576
576
40.2
30
604
604
29.6
10
576
576
21.6
10
150
324
35.7
39.5
30
324
35.7
32.3
10
210
23.2
27.7
RSD = 47.5k, IS = 18mA, VS = ±15V, Peaking ≤ 1dB
– 3dB BW
AV
RL
RF
RG
(MHz)
– 1
150
619
619
47.8
30
698
698
32.3
10
698
698
22.2
1
150
732
–
51.4
30
806
–
33.9
10
768
–
22.5
2
150
634
634
48.4
30
698
698
33.0
10
681
681
22.5
10
150
348
38.3
46.8
30
357
39.2
36.7
10
205
22.6
31.3
RSD = 15k, IS = 7.5mA, VS = ±5V, Peaking ≤ 1dB
– 3dB BW
AV
RL
RF
RG
(MHz)
– 1
150
536
536
28.2
30
549
549
20.0
10
464
464
15.0
1
150
619
–
28.6
30
634
–
19.8
10
511
–
14.9
2
150
536
536
28.3
30
549
549
19.9
10
412
412
15.7
10
150
150
16.5
31.5
30
118
13.0
27.1
10
100
11.0
19.4
RSD = 82.5k, IS = 9mA, VS = ±15V, Peaking ≤ 1dB
– 3dB BW
AV
RL
RF
RG
(MHz)
– 1
150
590
590
34.8
30
649
649
22.5
10
576
576
16.3
1
150
715
–
35.5
30
768
–
22.5
10
649
–
16.1
2
150
590
590
35.3
30
665
665
22.5
10
549
549
16.8
10
150
182
20.0
37.2
30
182
20.0
28.9
10
100
11.0
22.5
SMALL-SIGNAL BANDWIDTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com