Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL580-38QCL-R Datasheet(PDF) 5 Page - PhaseLink Corporation

Part # PL580-38QCL-R
Description  38MHz-320MHz Low Phase Noise VCXO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL580-38QCL-R Datasheet(HTML) 5 Page - PhaseLink Corporation

  PL580-38QCL-R Datasheet HTML 1Page - PhaseLink Corporation PL580-38QCL-R Datasheet HTML 2Page - PhaseLink Corporation PL580-38QCL-R Datasheet HTML 3Page - PhaseLink Corporation PL580-38QCL-R Datasheet HTML 4Page - PhaseLink Corporation PL580-38QCL-R Datasheet HTML 5Page - PhaseLink Corporation PL580-38QCL-R Datasheet HTML 6Page - PhaseLink Corporation PL580-38QCL-R Datasheet HTML 7Page - PhaseLink Corporation PL580-38QCL-R Datasheet HTML 8Page - PhaseLink Corporation PL580-38QCL-R Datasheet HTML 9Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
(Preliminary)
PL580-35/37/38/39
38MHz-320MHz Low Phase Noise VCXO
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 12/14/06 Page 5
4. General Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
38MHz<Fout<100MHz
65/45/30
Supply Current,
Dynamic (with
Loaded Outputs)
IDD
PECL/LVDS/CMOS
100MHz<Fout<320MHz
80/60/40
mA
Operating Voltage
VDD
2.97
3.63
V
Output Clock
Duty Cycle
@ 50% VDD (CMOS)
@ 1.25V (LVDS)
@ VDD – 1.3V (PECL)
45
45
45
50
50
50
55
55
55
%
Short Circuit
Current
±50
mA
Note: CMOS operation is not advised above 200MHz with 15pF load; and 320MHz with 10pF load.
5. Jitter Specifications
PARAMETERS
CONDITIONS
FREQUENCY
MIN.
TYP.
MAX.
UNITS
155.52MHz
0.4
0.5
Integrated jitter RMS
Integrated 12 kHz to 20 MHz
311.04MHz
0.4
0.5
ps
77.76MHz
2.5
4
155.52MHz
3
5
Period jitter RMS
With capacitive decoupling
between VDD and GND.
Over 10,000 cycles.
311.04MHz
4
7
ps
77.76MHz
18
30
155.52MHz
20
30
Period jitter Peak-to-
Peak
With capacitive decoupling
between VDD and GND.
Over 10,000 cycles.
311.04MHz
25
35
ps
6. Phase Noise Specifications
PARAMETERS
FREQ.
@10Hz
@100Hz
@1kHz
@10kHz
@100kHz
@1M
@10M
UNITS
77.76MHz
-66
-96
-124
-134
-132
-145
-149
155.52MHz
-62
-92
-120
-132
-128
-144
-150
Phase Noise
relative to
carrier (typical)
311.04MHz
-59
-86
-116
-129
-124
-140
-148
dBc/Hz
Note: Phase Noise measured at VCON = 0V.
7. CMOS Electrical Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
IOH
VOH= VDD-0.4V, VDD=3.3V
30
mA
Output drive current
IOL
VOL = 0.4V, VDD = 3.3V
30
mA
Output Clock Rise/Fall Time
0.3V ~ 3.0V with 15 pF load
0.7
ns
Output Clock Rise/Fall Time
20%-80% with 50Ω Load
0.3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com