Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1220MJ8 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1220MJ8
Description  45MHz, 250V/ms Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1220MJ8 Datasheet(HTML) 2 Page - Linear Technology

  LT1220MJ8 Datasheet HTML 1Page - Linear Technology LT1220MJ8 Datasheet HTML 2Page - Linear Technology LT1220MJ8 Datasheet HTML 3Page - Linear Technology LT1220MJ8 Datasheet HTML 4Page - Linear Technology LT1220MJ8 Datasheet HTML 5Page - Linear Technology LT1220MJ8 Datasheet HTML 6Page - Linear Technology LT1220MJ8 Datasheet HTML 7Page - Linear Technology LT1220MJ8 Datasheet HTML 8Page - Linear Technology LT1220MJ8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1220
A
G
A
U
A
R
BSOLUTEXI
TI
S
Total Supply Voltage (V+ to V–) .............................. 36V
Differential Input Voltage ........................................
±6V
Input Voltage ..........................................................
±VS
Output Short-Circuit Duration (Note 2) ........... Indefinite
Specified Temperature Range
LT1220C (Note 3) ................................... 0
°C to 70°C
LT1220M (OBSOLETE) ............... –55
°C to 125°C
Operating Temperature Range
LT1220C ........................................... – 40
°C TO 85°C
LT1220M (OBSOLETE) ............... –55
°C to 150°C
Maximum Junction Temperature (See Below)
Plastic Package ............................................... 150
°C
Ceramic Package (OBSOLETE) .................. 175
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LT1220CN8
LT1220CS8
ORDER PART
NUMBER
1
2
3
4
8
7
6
5
TOP VIEW
NULL
–IN
+IN
V –
NULL
V+
VOUT
NC
N8 PACKAGE
8-LEAD PLASTIC DIP
S8 PACKAGE
8-LEAD PLASTIC SOIC
J8 PACKAGE
8-LEAD CERAMIC DIP
S8 PART MARKING
1220
ORDER PART
NUMBER
LT1220CH
LT1220MH
TJMAX = 175°C, θJA = 150°C/W
TOP VIEW
V+
NULL
NULL
–IN
VOUT
NC
+IN
V –
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 4)
0.5
1
mV
IOS
Input Offset Current
100
300
nA
IB
Input Bias Current
100
300
nA
en
Input Noise Voltage
f = 10kHz
17
nV/
√Hz
in
Input Noise Current
f = 10kHz
2
pA/
√Hz
RIN
Input Resistance
VCM = ±12V
20
45
M
Ω
Differential
150
k
Ω
CIN
Input Capacitance
2pF
Input Voltage Range (Positive)
12
14
V
Input Voltage Range (Negative)
– 13
– 12
V
CMRR
Common Mode Rejection Ratio
VCM = ±12V
92
114
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
90
94
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±10V, RL = 500Ω
20
50
V/mV
VOUT
Output Swing
RL = 500Ω
12
13
±V
IOUT
Output Current
VOUT = ±12V
24
26
mA
SR
Slew Rate
(Note 5)
200
250
V/
µs
Full Power Bandwidth
10V Peak (Note 6)
4
MHz
GBW
Gain-Bandwidth
f = 1MHz
45
MHz
TA = 25°C, VS = ±15V, VCM = 0V, unless otherwise specified.
ELECTRICAL CHARACTERISTICS
TJMAX = 150°C, θJA = 130°C/W (N)
TJMAX = 150°C, θJA = 190°C/W (S)
TJMAX = 175°C, θJA = 100°C/W (J)
OBSOLETE PACKAGE
(Note 1)
LT1220MJ8
Consider the N8 or S8 Packages for Alternate Source
OBSOLETE PACKAGE
Consider the N8 Package for Alternate Source
ORDER PART
NUMBER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com