Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL580-39QCL-R Datasheet(PDF) 10 Page - PhaseLink Corporation

Part # PL580-39QCL-R
Description  38MHz-320MHz Low Phase Noise VCXO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL580-39QCL-R Datasheet(HTML) 10 Page - PhaseLink Corporation

Back Button PL580-39QCL-R Datasheet HTML 2Page - PhaseLink Corporation PL580-39QCL-R Datasheet HTML 3Page - PhaseLink Corporation PL580-39QCL-R Datasheet HTML 4Page - PhaseLink Corporation PL580-39QCL-R Datasheet HTML 5Page - PhaseLink Corporation PL580-39QCL-R Datasheet HTML 6Page - PhaseLink Corporation PL580-39QCL-R Datasheet HTML 7Page - PhaseLink Corporation PL580-39QCL-R Datasheet HTML 8Page - PhaseLink Corporation PL580-39QCL-R Datasheet HTML 9Page - PhaseLink Corporation PL580-39QCL-R Datasheet HTML 10Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
(Preliminary)
PL580-35/37/38/39
38MHz-320MHz Low Phase Noise VCXO
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 12/14/06 Page 10
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information
furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the
express written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PL580-3X X C L R
Order Number
Marking
Package Option
PL580-35OCL
P580-35OCL
TSSOP - Tube (GREEN Package)
PL580-35OCL-R
P580-35OCL
TSSOP - Tape & Reel (GREEN Package)
PL580-35QCL
P580-35QCL
QFN - Tube (GREEN Package)
PL580-35QCL-R
P580-35QCL
QFN - Tape & Reel (GREEN Package)
PL580-37OCL
P580-37OCL
TSSOP - Tube (GREEN Package)
PL580-37OCL-R
P580-37OCL
TSSOP - Tape & Reel (GREEN Package)
PL580-37QCL
P580-37QCL
QFN - Tube (GREEN Package)
PL580-37QCL-R
P580-37QCL
QFN - Tape & Reel (GREEN Package)
PL580-38OCL
P580-38OCL
TSSOP - Tube (GREEN Package)
PL580-38OCL-R
P580-38OCL
TSSOP - Tape & Reel (GREEN Package)
PL580-38QCL
P580-38QCL
QFN - Tube (GREEN Package)
PL580-38QCL-R
P580-38QCL
QFN - Tape & Reel (GREEN Package)
PL580-39OCL
P580-39OCL
TSSOP - Tube (GREEN Package)
PL580-39OCL-R
P580-39OCL
TSSOP - Tape & Reel (GREEN Package)
PL580-39QCL
P580-39QCL
QFN - Tube (GREEN Package)
PL580-39QCL-R
P580-39QCL
QFN - Tape & Reel (GREEN Package)
TEMPERATURE
C=COMMERCIAL
I=INDUSTRAL
PACKAGE TYPE
O=TSSOP-16L
Q= QFN-16L
L= GREEN PACKAGE
NONE= REGULAR PACKAGE
R= TAPE & REEL
NONE= TUBE
PART NUMBER



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com