Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL611S-16-XXXGC-R Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # PL611S-16-XXXGC-R
Description  1.8V-3.3V PicoPLLTM 32K Programmable Clock
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611S-16-XXXGC-R Datasheet(HTML) 4 Page - PhaseLink Corporation

  PL611S-16-XXXGC-R Datasheet HTML 1Page - PhaseLink Corporation PL611S-16-XXXGC-R Datasheet HTML 2Page - PhaseLink Corporation PL611S-16-XXXGC-R Datasheet HTML 3Page - PhaseLink Corporation PL611S-16-XXXGC-R Datasheet HTML 4Page - PhaseLink Corporation PL611S-16-XXXGC-R Datasheet HTML 5Page - PhaseLink Corporation PL611S-16-XXXGC-R Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
(Preliminary)
PL611s-16
1.8V-3.3V PicoPLLTM 32K Programmable Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 07/18/06 Page 4
DC SPECIFICATIONS
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current, Dynamic, with
Loaded CMOS Outputs
IDD
@Vdd=3.3V, 27MHz,
load=15pF
4.0
mA
Supply Current, Dynamic, with
Loaded CMOS Outputs
IDD
@Vdd=2.5V, 27MHz,
load=15pF
2.7
mA
Supply Current, Dynamic with
Loaded CMOS Outputs
IDD
@Vdd=1.8V,27MHz,
load=5pF
1.2
mA
Operating Voltage
VDD
1.62
3.3
3.63
V
Output Low Voltage
VOL
IOL = +4mA Standard Drive
0.4
V
Output High Voltage
VOH
IOH = -4mA Standard Drive
VDD – 0.4
V
Output Current, Low drive
IOSD
VOL = 0.4V, VOH = 2.4V
4
mA
Output Current, Standard drive
IOSD
VOL = 0.4V, VOH = 2.4V
8
mA
Output Current, High drive
IOHD
VOL = 0.4V, VOH = 2.4V
16
mA
Short-circuit Current
IS
±50
mA
PCB LAYOUT CONSIDERATIONS FOR PERFORMANCE OPTIMIZATION
The following guidelines are to assist you with a performance optimized PCB design:
- Keep all the PCB traces to PL611s-16 as short
as possible, as well as keeping all other traces
as far away from it as possible.
- When a reference input clock is generated from
a crystal (see diagram above), place the
PL611s-16 ‘FIN’ as close as possible to the
‘Xout’ crystal pin. This will reduce the cross-
talk between the reference input and the other
signals.
- Place the Loop Filter (LF) components as close
to the package pin of PL611s-16 as possible.
- Place a 0.01µF~0.1µF decoupling capacitor
between VDD and GND, on the component
side of the PCB, close to the VDD pin. It is not
recommended to place this component on the
backside of the PCB. Going through vias will
reduce the signal integrity, causing additional
jitter and phase noise.
- It is highly recommended to keep the VDD and
GND traces as short as possible.
- When connecting long traces (> 1 inch) to a
CMOS output, it is important to design the
traces as a transmission line or ‘stripline’, to
avoid reflections or ringing. In this case, the
CMOS output needs to be matched to the trace
impedance. Usually ‘striplines’ are designed
for 50Ω impedance and CMOS outputs usually
have lower than 50Ω impedance so matching
can be achieved by adding a resistor in series
with the CMOS output pin to the ‘stripline’
trace.
- Please contact PhaseLink for the application
note on how to design outputs driving long
traces or the Gerber files for the PL611s-16
layout.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com