Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL611S-17-XXXGC-R Datasheet(PDF) 6 Page - PhaseLink Corporation

Part # PL611S-17-XXXGC-R
Description  1.8V-3.3V PicoPLLTM KHz to MHz Programmable Clock
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL611S-17-XXXGC-R Datasheet(HTML) 6 Page - PhaseLink Corporation

  PL611S-17-XXXGC-R Datasheet HTML 1Page - PhaseLink Corporation PL611S-17-XXXGC-R Datasheet HTML 2Page - PhaseLink Corporation PL611S-17-XXXGC-R Datasheet HTML 3Page - PhaseLink Corporation PL611S-17-XXXGC-R Datasheet HTML 4Page - PhaseLink Corporation PL611S-17-XXXGC-R Datasheet HTML 5Page - PhaseLink Corporation PL611S-17-XXXGC-R Datasheet HTML 6Page - PhaseLink Corporation PL611S-17-XXXGC-R Datasheet HTML 7Page - PhaseLink Corporation PL611S-17-XXXGC-R Datasheet HTML 8Page - PhaseLink Corporation PL611S-17-XXXGC-R Datasheet HTML 9Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
(Preliminary)PL611s-17
1.8V-3.3V PicoPLL
TM KHz to MHz Programmable Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 01/04/07 Page 6
DC SPECIFICATIONS
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current, Dynamic, with
Loaded CMOS Outputs
IDD
@ VDD =3.3V,30MHz,
load=15pF
6.0
mA
Supply Current, Dynamic, with
Loaded CMOS Outputs
IDD
@ VDD =2.5V,30MHz,
load=15pF
3.9
mA
Supply Current, Dynamic with
Loaded CMOS Outputs
IDD
@ VDD =1.8V,30MHz,
load=5pF
2.1*
mA
Operating Voltage
VDD
1.62
3.63
V
Output Low Voltage
VOL
IOL = +4mA Standard Drive
0.4
V
Output High Voltage
VOH
IOH = -4mA Standard Drive
VDD – 0.4
V
Output Current, Low Drive
IOSD
VOL = 0.4V, VOH = 2.4V
4
mA
Output Current, Standard Drive
IOSD
VOL = 0.4V, VOH = 2.4V
8
mA
Output Current, High Drive
IOHD
VOL = 0.4V, VOH = 2.4V
16
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com