Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL660 Datasheet(PDF) 7 Page - PhaseLink Corporation

Part # PL660
Description  Analog Frequency Multiplier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL660 Datasheet(HTML) 7 Page - PhaseLink Corporation

Back Button PL660 Datasheet HTML 3Page - PhaseLink Corporation PL660 Datasheet HTML 4Page - PhaseLink Corporation PL660 Datasheet HTML 5Page - PhaseLink Corporation PL660 Datasheet HTML 6Page - PhaseLink Corporation PL660 Datasheet HTML 7Page - PhaseLink Corporation PL660 Datasheet HTML 8Page - PhaseLink Corporation PL660 Datasheet HTML 9Page - PhaseLink Corporation PL660 Datasheet HTML 10Page - PhaseLink Corporation PL660 Datasheet HTML 11Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Analog Frequency Multiplier
PL660 and PL663 XO Families
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990, FAX (510) 492-0991
www.phaselink.com
Rev. 3/20/07 Page 7
120 MHz AFM Tuning: Using the “AFM Tuning Assistant” find the PL660-0x in the L2X worksheet. Enter the
Cinternal value found next to it into cell B21. In cell B24 enter the closest standard inductor value (see CoilCraft
0603CS series for example) to achieve the closest peak frequency to 60 MHz. Repeat the same procedure for
L4X at 120 MHz.
Results: L2X = 180 nH, L4X = 82 nH.
320 MHz AFM tuning: Repeat the previous procedure for L2X at 120 MHz and L4X at 320 MHz.
Results: L2X = 24 nH, L4X = 10 nH.
Proceed and assemble the test units.
Measuring 120 MHz L2X: Connect the RF generator and scope probe as shown in Figure 6. While power is
applied to the PCB, set the generator output to +12 dBm and the frequency to 30 MHz. Since this is the 2x port,
the scope will show 60 MHz with ~ 3V pk-pk amplitude. Vary the generator above and below 30 MHz until the
amplitude on the scope is maximum and record the generator frequency. For example peak recorded at 29.8x2 or
59.6 MHz.
Measuring 320 MHz L2X: Connect the RF generator and scope probe as shown in Figure 6. While power is
applied to the PCB, set the generator output to +12 dBm and the frequency to 80 MHz. Since this is the 2x port the
scope will show 160 MHz with ~ 3V pk-pk amplitude. Vary the generator above and below 80 MHz until the
amplitude on the scope is maximum and record the generator frequency. For example peak recorded at 78.0 x 2 =
156 MHz
In the AFM Tuning Assistant, add the scope’s probe capacitance to the Cstray cell. For our example 0.5 pF + 1.0
pF = 1.5 pF. With L2X at 24 nH adjust LWB1 (cell B23) until the peak frequency reads 156 MHz. Next replace the
L2X value with 180 nH and see if it peaks at 59.6 MHz. If it does not, adjust the Cstray until 59.4 MHz is achieved.
Again enter 24 nH for L2X and fine tune LWB1 for 156 MHz.
Results: LWB1 = 1.6 nH, Cstray = 2.9 pF-0.5 pF = 2.4 pF (subtract scope probe stray)
Repeat the same steps for the L4X: Set the generator to 80 MHz. The 82 nH peaks at 118 MHz and the 10 nH
peaks at 304 MHz.
Results: LWB1 = 1.8 nH, Cstray = 2.5 pF-0.5 pF = 2.0 pF (subtract scope probe stray)
Internal Capacitor Selection by Device
Device Number
Cinternal (pF)
2X
4X
PL660-0X
34.125
16.500
PL663-0X
46.500
PL663-1X
14.625
PL663-2X
14.625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com