Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL660-08 Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PL660-08
Description  Analog Frequency Multiplier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL660-08 Datasheet(HTML) 3 Page - PhaseLink Corporation

  PL660-08 Datasheet HTML 1Page - PhaseLink Corporation PL660-08 Datasheet HTML 2Page - PhaseLink Corporation PL660-08 Datasheet HTML 3Page - PhaseLink Corporation PL660-08 Datasheet HTML 4Page - PhaseLink Corporation PL660-08 Datasheet HTML 5Page - PhaseLink Corporation PL660-08 Datasheet HTML 6Page - PhaseLink Corporation PL660-08 Datasheet HTML 7Page - PhaseLink Corporation PL660-08 Datasheet HTML 8Page - PhaseLink Corporation PL660-08 Datasheet HTML 9Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Analog Frequency Multiplier
PL660 and PL663 XO Families
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990, FAX (510) 492-0991
www.phaselink.com
Rev. 3/20/07 Page 3
PRODUCT SELECTOR GUIDE
FREQUENCY VERSUS PHASE NOISE PERFORMANCE
Phase Noise at Frequency Offset From Carrier (dBc/Hz)
Part
Number
Input
Frequency
Range
(MHz)
Analog
Frequency
Multiplication
Factor
Output
Frequency
Range
(MHz)
Output
Type
Carrier
Freq.
(MHz)
10 Hz
100
Hz
1 KHz
10
KHz
100
KHz
1
MHz
10
MHz
PL660-08
30 - 80
4
120 - 320
PECL
155.52
-72
-100
-125
-132
-142
-147
-149
PL660-09
30 - 80
4
120 - 320
LVDS
155.52
-72
-100
-125
-132
-142
-147
-149
PL663-07
30 - 80
2
60 - 160
CMOS
156.25
-75
-105
-130
-140
-145
-150
-150
PL663-08
30 - 80
2
60 - 160
PECL
156.25
-75
-105
-130
-140
-145
-150
-150
PL663-09
30 - 80
2
60 - 160
LVDS
156.25
-75
-105
-130
-140
-145
-150
-150
PL663-17
75 - 140
2
150 - 280
CMOS
212.5
-70
-100
-130
-140
-145
-148
-148
PL663-18
75 - 140
2
150 - 280
PECL
212.5
-70
-100
-130
-140
-145
-148
-148
PL663-19
75 - 140
2
150 - 280
LVDS
212.5
-70
-100
-130
-140
-145
-148
-148
PL663-28
140 - 160
2
280 - 320
PECL
311.04
-60
-92
-122
-140
-142
-146
-146
PL663-29
140 - 160
2
280 - 320
LVDS
311.04
-60
-92
-122
-140
-142
-146
-148
FREQUENCY VERSUS JITTER, AND SUB-HARMONIC PERFORMANCE
RMS Period
Jitter
(ps)
Peak to Peak
Period Jitter
(ps)
RMS
Accumulated
(L.T.) Jitter (ps)
Phase Jitter
(12 KHz-20MHz)
(ps)
Spectral Specifications / Sub-harmonic Content
(dBc)
Frequency (MHz)
Part
Number
Output
Freq.
(MHz)
Min. Typ. Max. Min. Typ. Max. Min. Typ.
Max.
Min.
Typ.
Max.
Carrier
Freq.
MHz
(Fc)
@
-75%
(Fc)
@
-50%
(Fc)
@
-25%
(Fc)
@
+25%
(Fc)
@
+50%
(Fc)
@
+75%
(Fc)
PL660-08
155.52
3
5
21
30
5
0.25
155.52
-66
-61
-67
-70
PL660-09
155.52
3
5
21
30
5
0.25
155.52
-66
-61
-67
-70
PL663-07
156.25
2
3
18
20
3
0.24
156.25
-70
-75
PL663-08
156.25
2
3
18
20
3
0.24
156.25
-70
-75
PL663-09
156.25
2
3
18
20
3
0.24
156.25
-70
-75
PL663-17
212.50
2.5
4
18
20
4
0.19
212.50
-70
-75
PL663-18
212.50
2.5
4
18
20
4
0.19
212.50
-70
-75
PL663-19
212.50
2.5
4
18
20
4
0.19
212.50
-70
-75
PL663-28
311.04
2.5
4
18
20
4
0.16
311.04
-65
-70
PL663-29
311.04
2.5
4
18
20
4
0.16
311.04
-65
-70
Note: Wavecrest data 10,000 hits. No Filtering was used in Jitter Calculations.
Agilent E5500 was used for phase jitter measurements.
Spectral specifications were obtained using Agilent E7401A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com