Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1227MJ8 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1227MJ8
Description  140MHz Video Current Feedback Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1227MJ8 Datasheet(HTML) 2 Page - Linear Technology

  LT1227MJ8 Datasheet HTML 1Page - Linear Technology LT1227MJ8 Datasheet HTML 2Page - Linear Technology LT1227MJ8 Datasheet HTML 3Page - Linear Technology LT1227MJ8 Datasheet HTML 4Page - Linear Technology LT1227MJ8 Datasheet HTML 5Page - Linear Technology LT1227MJ8 Datasheet HTML 6Page - Linear Technology LT1227MJ8 Datasheet HTML 7Page - Linear Technology LT1227MJ8 Datasheet HTML 8Page - Linear Technology LT1227MJ8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1227
1
2
3
45
6
7
8
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
NULL
–IN
+IN
V–
SHDN
V+
OUT
NULL
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
Supply Voltage .....................................................
±18V
Input Current ......................................................
±15mA
Output Short Circuit Duration (Note 2) ........ Continuous
Operating Temperature Range
LT1227C .................................................. 0
°C to 70°C
LT1227M (OBSOLETE) .................... – 55
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Junction Temperature
Plastic Package ................................................ 150
°C
Ceramic Package (OBSOLETE) ........................ 175
°C
Lead Temperature (Soldering, 10 sec.)................ 300
°C
N8 PACKAGE
8-LEAD PLASTIC DIP
1
2
3
45
6
7
8
TOP VIEW
NULL
–IN
+IN
V–
SHDN
V+
OUT
NULL
J8 PACKAGE
8-LEAD CERAMIC DIP
TJMAX = 150°C, θJA = 100°C/W (N)
TJMAX = 150°C, θJA = 150°C/W
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
TA = 25°C
±3
±10
mV
q
±15
mV
Input Offset Voltage Drift
q
10
µV/°C
IIN+
Noninverting Input Current
TA = 25°C
±0.3
±3
µA
q
±10
µA
IIN–
Inverting Input Current
TA = 25°C
±10
±60
µA
q
±100
µA
en
Input Noise Voltage Density
f = 1kHz, RF = 1k, RG = 10Ω, RS = 0Ω
3.2
nV/
√Hz
+in
Noninverting Input Noise Current Density
f = 1kHz
1.7
pA/
√Hz
–in
Inverting Input Noise Current Density
f = 1kHz
32
pA/
√Hz
RIN
Input Resistance
VIN = ±13V, VS = ±15V
q
1.5
14
M
Ω
VIN = ±3V, VS = ±5V
q
1.5
11
M
Ω
CIN
Input Capacitance
3pF
Input Voltage Range
VS = ±15V, TA = 25°C
±13
±13.5
V
q
±12
V
VS = ±5V, TA = 25°C
±3
±3.5
V
q
±2V
CMRR
Common Mode Rejection Ratio
VS = ±15V, VCM = ±13V, TA = 25°C55
62
dB
VS = ±15V, VCM = ±12V
q
55
dB
VS = ±5V, VCM = ±3V, TA = 25°C55
61
dB
VS = ±5V, VCM = ±2V
q
55
dB
ELECTRICAL C
C
HARA TERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCM = 0, ±5V ≤ VS ≤ ±15V, pulse tested, unless otherwise noted.
S8 PART MARKING
ORDER PART
NUMBER
LT1227CS8
LT1227CN8
1227
ORDER PART
NUMBER
TJMAX = 175°C, θJA = 100°C/W (J)
LT1227MJ8
OBSOLETE PACKAGE
Consult LTC Marketing for parts specified with wider operating temperature ranges.
(Note 1)
Consider the N8 Package for Alternate Source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com