Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1228IN8 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1228IN8
Description  100MHz Current Feedback Amplifier with DC Gain Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1228IN8 Datasheet(HTML) 2 Page - Linear Technology

  LT1228IN8 Datasheet HTML 1Page - Linear Technology LT1228IN8 Datasheet HTML 2Page - Linear Technology LT1228IN8 Datasheet HTML 3Page - Linear Technology LT1228IN8 Datasheet HTML 4Page - Linear Technology LT1228IN8 Datasheet HTML 5Page - Linear Technology LT1228IN8 Datasheet HTML 6Page - Linear Technology LT1228IN8 Datasheet HTML 7Page - Linear Technology LT1228IN8 Datasheet HTML 8Page - Linear Technology LT1228IN8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LT1228
1228fc
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
8
7
6
5
4
3
2
1
IOUT
–IN
+IN
V–
ISET
VOUT
V+
GAIN
TOP VIEW
N8 PACKAGE
8-LEAD PLASTIC DIP
S8 PACKAGE
8-LEAD PLASTIC SOIC
J8 PACKAGE
8-LEAD CERAMIC DIP
+–
gm
ORDER PART
NUMBER
LT1228CN8
LT1228CS8
LT1228IN8
LT1228IS8
S8 PART MARKING
1228
1228I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
TA = 25°C
±3
±10
mV
●
±15
mV
Input Offset Voltage Drift
●
10
µV/°C
IIN+
Noninverting Input Current
TA = 25°C
±0.3
±3
µA
●
±10
µA
IIN
–
Inverting Input Current
TA = 25°C
±10
±65
µA
●
±100
µA
en
Input Noise Voltage Density
f = 1kHz, RF = 1k, RG = 10Ω, RS = 0Ω
6
nV/
√Hz
in
Input Noise Current Density
f = 1kHz, RF = 1k, RG = 10Ω, RS = 10k
1.4
pV/
√Hz
RIN
Input Resistance
VIN = ±13V, VS = ±15V
●
225
M
Ω
VIN = ±3V, VS = ±5V
●
225
M
Ω
CIN
Input Capacitance (Note 3)
VS = ±5V
6
pF
Input Voltage Range
VS = ±15V, TA = 25°C
±13 ±13.5
V
●
±12
V
VS = ±5V, TA = 25°C
±3
±3.5
V
●
±2V
CMRR
Common Mode Rejection Ratio
VS = ±15V, VCM = ±13V, TA = 25°C55
69
dB
VS = ±15V, VCM = ±12V
●
55
dB
VS = ±5V, VCM = ±3V, TA = 25°C55
69
dB
VS = ±5V, VCM = ±2V
●
55
dB
ELECTRICAL C
C
HARA TERISTICS
TJ MAX = 150°C, θJA = 100°C/W (N)
TJ MAX = 150°C, θJA = 150°C/W (S)
OBSOLETE PACKAGE
TJ MAX = 175°C, θJA = 100°C/W (J)
Supply Voltage ......................................................
±18V
Input Current, Pins 1, 2, 3, 5, 8 (Note 8) ............
±15mA
Output Short Circuit Duration (Note 2) ......... Continuous
Operating Temperature Range
LT1228C ................................................ 0
°C to 70°C
LT1228I ............................................. –40
°C to 85°C
LT1228M (OBSOLETE) .............. –55
°C to 125°C
Storage Temperature Range ..................–65
°C to 150°C
Junction Temperature
Plastic Package .............................................. 150
°C
Ceramic Package (OBSOLETE) ................ 175
°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Current Feedback Amplifier, Pins 1, 6, 8. ±5V ≤ VS ≤ ±15V, ISET = 0µA,
VCM = 0V unless otherwise noted.
LT1228MJ8
LT1228CJ8
ORDER PART
NUMBER
Consider the N8 or S8 Packages for Alternate Source.
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com