Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL500-15SC Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL500-15SC
Description  Low Phase Noise VCXO (1MHz to 18MHz)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL500-15SC Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL500-15SC Datasheet HTML 1Page - PhaseLink Corporation PLL500-15SC Datasheet HTML 2Page - PhaseLink Corporation PLL500-15SC Datasheet HTML 3Page - PhaseLink Corporation PLL500-15SC Datasheet HTML 4Page - PhaseLink Corporation PLL500-15SC Datasheet HTML 5Page - PhaseLink Corporation PLL500-15SC Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
(Preliminary)
PLL500-15/16
Low Phase Noise VCXO (1MHz to 18MHz)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 10/12/06 Page 3
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the device
and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other conditions above
the operational limits noted in this specification is not implied. *Operating temperature is guaranteed by design. Parts are tested to commercial grade only.
2. AC Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input Crystal Frequency
16
36
MHz
0.8V ~ 2.0V with 10 pF load
1.15
Output Clock Rise/Fall Time
0.3V ~ 3.0V with 15 pF load
3.7
ns
Output Clock Duty Cycle
Measured @ 1.4V
45
50
55
%
3. Voltage Control Crystal Oscillator
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
VCXO Stabilization Time *
TVCXOSTB
From power valid
10
ms
VCXO Tuning Range
XTAL C0/C1 < 250
0V
≤ VCON ≤ 3.3V
300
ppm
CLK output pullability
VCON=1.65V,
±1.65V
±150
ppm
VCXO Tuning Characteristic
100
ppm/V
Pull range linearity
5
%
Power Supply Rejection
PWSRR
Frequency change with
VDD varied +/- 10%
-1
+1
ppm
VCON pin input impedance
2000
k
Ω
VCON modulation BW
0V
≤ VCON ≤ 3.3V, -3dB
45
kHz
Note: Parameters denoted with an asterisk (*) represent nominal characterization data and are not production tested to any specific limits.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com