Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL500-15SC-R Datasheet(PDF) 6 Page - PhaseLink Corporation

Part # PLL500-15SC-R
Description  Low Phase Noise VCXO (1MHz to 18MHz)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL500-15SC-R Datasheet(HTML) 6 Page - PhaseLink Corporation

  PLL500-15SC-R Datasheet HTML 1Page - PhaseLink Corporation PLL500-15SC-R Datasheet HTML 2Page - PhaseLink Corporation PLL500-15SC-R Datasheet HTML 3Page - PhaseLink Corporation PLL500-15SC-R Datasheet HTML 4Page - PhaseLink Corporation PLL500-15SC-R Datasheet HTML 5Page - PhaseLink Corporation PLL500-15SC-R Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
(Preliminary)
PLL500-15/16
Low Phase Noise VCXO (1MHz to 18MHz)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 10/12/06 Page 6
ORDERING INFORMATION (GREEN PACKAGE COMPLIANT)
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information fur-
nished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the ex-
press written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Part number, Package type and Operating temperature range
PLL500-XX X X X X
Part / Order Number
Marking
Package Option
PLL500-15DC
P500-15DC
Die (Waffle Pack)
PLL500-15SC
P500-15SC
8-Pin SOIC (Tube)
PLL500-15SC-R
P500-15SC
8-Pin SOIC (Tape and Reel)
PLL500-15SCL
P500-15SCL
8-Pin SOIC GREEN (Tube)
PLL500-15SCL-R
P500-15SCL
8-Pin SOIC GREEN (Tape and Reel)
PLL500-15TC
P500-15TC
6-Pin SOT23 (Tube)
PLL500-15TC-R
P500-15TC
6-Pin SOT23 (Tape and Reel)
PLL500-15TCL
P500-15TCL
6-Pin SOT23 GREEN (Tube)
PLL500-15TCL-R
P500-15TCL
6-Pin SOT23 GREEN (Tape and Reel)
PLL500-16DC
P500-16DC
Die (Waffle Pack)
PLL500-16SC
P500-16SC
8-Pin SOIC (Tube)
PLL500-16SC-R
P500-16SC
8-Pin SOIC (Tape and Reel)
PLL500-16SCL
P500-16SCL
8-Pin SOIC GREEN (Tube)
PLL500-16SCL-R
P500-16SCL
8-Pin SOIC GREEN (Tape and Reel)
PLL500-16TC
P500-16TC
6-Pin SOT23 (Tube)
PLL500-16TC-R
P500-16TC
6-Pin SOT23 (Tape and Reel)
PLL500-16TCL
P500-16TCL
6-Pin SOT23 GREEN (Tube)
PLL500-16TCL-R
P500-16TCL
6-Pin SOT23 GREEN (Tape and Reel)
PART NUMBER
TEMPERATURE
C=COMMERCIAL
I=INDUSTRIAL
PACKAGE TYPE
D=Die
S= SOIC-8L
T= SOT23-6L
NONE=NORMAL PACKAGE
L=GREEN PACKAGE
NONE= TUBE
R=TAPE AND REEL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com