Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1239 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1239
Description  Backup Battery Management Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1239 Datasheet(HTML) 2 Page - Linear Technology

  LT1239_02 Datasheet HTML 1Page - Linear Technology LT1239_02 Datasheet HTML 2Page - Linear Technology LT1239_02 Datasheet HTML 3Page - Linear Technology LT1239_02 Datasheet HTML 4Page - Linear Technology LT1239_02 Datasheet HTML 5Page - Linear Technology LT1239_02 Datasheet HTML 6Page - Linear Technology LT1239_02 Datasheet HTML 7Page - Linear Technology LT1239_02 Datasheet HTML 8Page - Linear Technology LT1239_02 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1239
DESCRIPTION
ing circuitry. A low-battery detector with a 5V threshold
powers down the second regulator and the error amplifier
to limit the discharge voltage of the backup cells. This
prevents deep discharge damage to the lithium cells. Both
regulators have independent shutdown and current moni-
tor functions.
LT1239CS
ORDER PART
NUMBER
Consult factory for Industrial and Military grade parts.
TJMAX = 100°C, θJA = 120°C/ W
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Regulator 1 (Notes 7, 8)
Regulated Output Voltage (VADJ = VOUT1)VIN1 = 4.3V, IOUT = 1mA, TJ = 25°C
3.700
3.750
3.800
V
VIN1 = 4.8V to 24V, IOUT = 1mA to 30mA
q
3.650
3.750
3.825
V
Line Regulation
ILOAD = 1mA, VIN1 = 4.3V to 30V
q
210
mV
Load Regulation
VIN1 = 5V, ILOAD = 1mA to 30mA, TJ = 25°C– 12
– 25
mV
VIN1 = 5V, ILOAD = 1mA to 30mA
q
–20
– 50
mV
VIN1 = 5V, ILOAD = 1mA to 50mA, TJ = 25°C– 20
mV
VIN1 = 5V, ILOAD = 1mA to 50mA
– 30
mV
Dropout Voltage (Note 9)
ILOAD = 1mA, TJ = 25°C
0.15
0.20
V
ILOAD = 30mA, TJ = 25°C
0.25
0.40
V
ILOAD = 50mA, TJ = 25°C
0.30
V
Ground Pin Current (Notes 10, 11)
ILOAD = 0mA, VIN1 = 3.75V
q
20
30
µA
ILOAD = 30mA, VIN1 = 3.75V
q
0.80
1.2
mA
ILOAD = 50mA, VIN1 = 3.75V
1.35
mA
Adjust Pin Bias Current (Note 12)
TJ = 25°C
40
120
nA
ELECTRICAL CHARACTERISTICS
PACKAGE/ORDER INFORMATION
(Note 1)
Input 1 Voltage ......................................................
±30V
Input 2 Voltage ............................................. 30V, – 0.6V
Output 1 Voltage ........................................... 30V, – 0.6V
Output 2 Voltage ............................................. 6V, – 0.6V
Adjust Pin Current ................................................ 10mA
SHDN1, SHDN2 (Note 2)
Input Voltage .............................................. 6V, – 0.6V
Input Current ...................................................... 5mA
IMON1 Voltage
(Note 3) .......................... (VIN1 – 30V) < IMON1 < VIN1
IMON2 Voltage
(Note 4) .......................... (VIN2 – 30V) < IMON2 < VIN2
E/A Output Voltage (Note 5) .... – 0.6V < VE/A(OUT) < VIN2
E/A Input Voltage (Note 5) .......... – 0.6V < VE/A(IN) < VIN2
5V Input Voltage ............................................. 6V, – 0.6V
Operating Temperature Range ......................... 0 to 70
°C
Junction Temperature Range .............................(Note 6)
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE MAXIMUM RATINGS
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ADJ
GND
SHDN1
GND
GND
SHDN2
E/A (IN)
E/A (OUT)
OUT 1
IMON1
INPUT 1
5VIN
OUT 2
IMON2
INPUT 2
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com