Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL500-17TCL-R Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL500-17TCL-R
Description  Low Phase Noise VCXO (17MHz to 36MHz)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL500-17TCL-R Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL500-17TCL-R Datasheet HTML 1Page - PhaseLink Corporation PLL500-17TCL-R Datasheet HTML 2Page - PhaseLink Corporation PLL500-17TCL-R Datasheet HTML 3Page - PhaseLink Corporation PLL500-17TCL-R Datasheet HTML 4Page - PhaseLink Corporation PLL500-17TCL-R Datasheet HTML 5Page - PhaseLink Corporation PLL500-17TCL-R Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PLL500-17
Low Phase Noise VCXO (17MHz to 36MHz)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/08/06 Page 1
XTAL
OSC
OE
XIN
XOUT
VCON
VARICAP
CLK
FEATURES
• VCXO output for the 17MHz to 36MHz range
• Low phase noise (-130 dBc @ 10kHz offset at
35.328MHz).
• CMOS output with OE tri-state control.
• 17 to 36MHz fundamental crystal input.
• Integrated high linearity variable capacitors.
• 12mA drive capability at TTL output.
• +/- 150 ppm pull range, max 5% (typ.) linearity.
• Low jitter (RMS): 2.5ps period jitter.
• 2.5 to 3.3V operation.
• Available in 8-Pin SOIC, 6-pin SOT23 GREEN/
RoHS compliant packages, or DIE.
DESCRIPTION
The PLL500-17 is a low cost, high performance and
low phase noise VCXO for the 17 to 36MHz range,
providing less than -130dBc at 10kHz offset at
35.328MHz. The very low jitter (2.5 ps RMS period
jitter) makes this chip ideal for applications requiring
voltage controlled frequency sources. Input crystal
can range from 17 to 36MHz (fundamental resonant
mode).
BLOCK DIAGRAM
PIN CONFIGURATION
1
2
3
45
6
7
8
XIN
VDD*
VCON
GND
XOUT
VDD*
CLK
OE^
1
2
34
5
6
XOUT
GND
CLK
XIN
VCON
VDD
SOIC-8
SOT23-6
^: Denotes internal Pull-up
*: Only one VDD pin needs to be connected


Similar Part No. - PLL500-17TCL-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL500-17TCL-R ETC-PLL500-17TCL-R Datasheet
215Kb / 6P
Low Phase Noise VCXO (17MHz to 36MHz)
More results

Similar Description - PLL500-17TCL-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL500-17 ETC-PLL500-17 Datasheet
215Kb / 6P
Low Phase Noise VCXO (17MHz to 36MHz)
logo
PhaseLink Corporation
PLL500-17B PLL-PLL500-17B Datasheet
205Kb / 5P
Low Phase Noise VCXO (17MHz to 36MHz)
PLL500-37 PLL-PLL500-37 Datasheet
200Kb / 5P
Low Phase Noise VCXO (36MHz to 130MHz)
PLL502-24 PLL-PLL502-24 Datasheet
93Kb / 5P
Low Phase Noise VCXO (24MHz to 50MHz)
PLL502-03 PLL-PLL502-03 Datasheet
181Kb / 4P
Low Phase Noise VCXO (48MHz to 100MHz)
PLL500-15 PLL-PLL500-15 Datasheet
212Kb / 6P
Low Phase Noise VCXO (1MHz to 18MHz)
logo
Abracon Corporation
ABV0017 ABRACON-ABV0017 Datasheet
62Kb / 6P
Low Phase Noise VCXO (17MHz to 36MHz)
03/21/05
logo
Micrel Semiconductor
PL502-02 MICREL-PL502-02 Datasheet
303Kb / 5P
Low Phase Noise VCXO (24MHz to 50MHz)
PL500-37 MICREL-PL500-37 Datasheet
322Kb / 6P
Low Phase Noise VCXO (36MHz to 130MHz)
PL500-17 MICREL-PL500-17 Datasheet
321Kb / 6P
Low Phase Noise VCXO (17MHz to 36MHz)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com