Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1257CS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1257CS8
Description  Complete Single Supply 12-Bit Voltage Output DAC in SO-8
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1257CS8 Datasheet(HTML) 2 Page - Linear Technology

  LTC1257CS8 Datasheet HTML 1Page - Linear Technology LTC1257CS8 Datasheet HTML 2Page - Linear Technology LTC1257CS8 Datasheet HTML 3Page - Linear Technology LTC1257CS8 Datasheet HTML 4Page - Linear Technology LTC1257CS8 Datasheet HTML 5Page - Linear Technology LTC1257CS8 Datasheet HTML 6Page - Linear Technology LTC1257CS8 Datasheet HTML 7Page - Linear Technology LTC1257CS8 Datasheet HTML 8Page - Linear Technology LTC1257CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1257
(Note 1)
VCC to GND ............................................ – 0.5V to 16.5V
TTL Input Voltage .......................... – 0.5V to VCC + 0.5V
VOUT .............................................. – 0.5V to VCC + 0.5V
REF ................................................ – 0.5V to VCC + 0.5V
Operating Temperature Range
LTC1257C ............................................. 0
°C to 70°C
LTC1257I ........................................ – 40
°C to 85°C
Maximum Junction Temperature
Plastic Package ............................. – 65
°C to 125°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART
NUMBER
LTC1257CN8
LTC1257IN8
S8 PART MARKING
TJMAX = 125°C, θJA = 100°C/W
TJMAX = 125°C, θJA = 150°C/W
LTC1257CS8
LTC1257IS8
1
2
3
4
8
7
6
5
TOP VIEW
N8 PACKAGE
8-LEAD PDIP
VCC
VOUT
REF
GND
CLK
DIN
LOAD
DOUT
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
VCC
VOUT
REF
GND
CLK
DIN
LOAD
DOUT
1257
1257I
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at
TA = TMIN to TMAX. VCC = 4.75V to 15.75V, internal or external reference (2.475V ≤ VREF ≤ VCC – 2.7V), unless otherwise noted.
Consult LTC Marketing for parts specified with wider operating temperature
ranges.
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DAC
Resolution
q
12
Bits
DNL
Differential Nonlinearity
Guaranteed Monotonic (Note 4)
q
±0.5
LSB
INL
Integral Nonlinearity
LTC1257C (Note 4)
q
±3.5
LSB
LTC1257I (Note 4)
q
±4.0
LSB
OFF
Offset Error
When Using Internal Reference, LTC1257C
q
±8
LSB
When Using Internal Reference, LTC1257I
q
±10
LSB
When Using External Reference, LTC1257C
q
±4mV
When Using External Reference, LTC1257I
q
±5mV
OFFTC
Offset Error Tempco
When Using Internal Reference (Note 2)
q
±0.02
±0.066
LSB/
°C
When Using External Reference (Note 2)
q
±15
±30
µV/°C
Gain Error
q
0.5
±2
LSB
Gain Error Tempco
(Note 2)
q
± 0.01
±0.02
LSB/
°C
Reference
Reference Output Voltage
IREF = 0, LTC1257C
q
2.028
2.048
2.068
V
IREF = 0, LTC1257I
q
2.018
2.078
V
Reference Output Tempco
IREF = 0
q
±0.06
LSB/
°C
Reference Line Regulation
IREF = 0, LTC1257C
q
±0.4
LSB/ V
IREF = 0, LTC1257I
q
±0.7
LSB/V
Reference Load Regulation
0
≤ IREF ≤ 100µA
q
±1
LSB
Reference Input Range
VCC > VREF + 2.7V
q
2.475
12
V
Reference Input Resistance
q
814
18
k
Ω
Reference Input Capacitance
(Note 2)
15
pF
Short-Circuit Current
VREF Shorted to GND
q
90
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com