Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL602-30 Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL602-30
Description  750kHz - 800MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL602-30 Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL602-30 Datasheet HTML 1Page - PhaseLink Corporation PLL602-30 Datasheet HTML 2Page - PhaseLink Corporation PLL602-30 Datasheet HTML 3Page - PhaseLink Corporation PLL602-30 Datasheet HTML 4Page - PhaseLink Corporation PLL602-30 Datasheet HTML 5Page - PhaseLink Corporation PLL602-30 Datasheet HTML 6Page - PhaseLink Corporation PLL602-30 Datasheet HTML 7Page - PhaseLink Corporation PLL602-30 Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PLL602-30
750kHz – 800MHz Low Phase Noise XO (for 12 – 25MHz Crystals)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 1
FEATURES
• 750kHz to 800MHz output range.
• Low phase noise output (@ 10kHz frequency
offset, -142dBc/Hz for 19.44MHz, -123dBc/Hz for
106.25MHz, -125dBc/Hz for 155.52MHz, -
115dBc/Hz for 622.08MHz).
• Selectable CMOS, PECL and LVDS output.
• Selectable High Drive (30mA) or Standard Drive
(10mA) output.
• 12MHz to 25MHz crystal input.
• Output Enable selector.
• 3.3V operation.
• Available in DIE (65 mil x 62 mil).
DESCRIPTION
The PLL602-30 is a monolithic low jitter and low
phase noise (-142dBc/Hz @ 10kHz offset) XO IC
Die, with selectable CMOS, LVDS or PECL output,
covering the 750kHz to 800MHz output range, using
a low frequency crystal.
This makes the PLL602-30 ideal as a universal die
for applications ranging from low frequency to
SONET.
DIE SPECIFICATIONS
Name
Value
Size
62 x 65 mil
Reverse side
GND
Pad dimensions
80 micron x 80 micron
Thickness
10 mil
BLOCK DIAGRAM
DIE CONFIGURATION
OUTPUT SELECTION AND ENABLE
OUTSEL1
(Pad #18)
OUTSEL0
(Pad #25)
Selected Output
0
0
High Drive CMOS
0
1
Standard CMOS
1
0
PECL
1
1
LVDS
OE_SELECT
(Pad #9)
OE_CTRL
(Pad #30)
State
0 (Default)
Output enabled
0
1
Tri-state
0
Tri-state
1 (Default)
1 (Default)
Output enabled
Pad #9:
Bond to GND to set to “0”, bond to VDD to set to “1”
Pad #30: Logical states defined by PECL levels if OE_SELECT (pad #9)
is “0”
Logical states defined by CMOS levels if OE_SELECT is “1”
Reference
Divider
Phase
Detector
Charge
Pump
Loop
Filter
VCO
VCO
Divider
XTAL
OSC
CLKBAR
OE
XIN
XOUT
CLK
+
SEL
18
19
20
21
23
25
7
13
10
26
29
31
Y
X
(0,0)
(1550,1475)
65 mil
24
22
17
16
15
14
12
11
9
8
6
12345
27
28
30
OE_SEL^
GNDBUF
CMOS
LVDSB
PECLB
VDDBUF
VDDBUF
PECL
LVDS
XIN
XOUT
SEL2
SEL3
OE_CTRL
N/C
Die ID:
A1414-14E
C502A


Similar Part No. - PLL602-30

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL602-35 PLL-PLL602-35 Datasheet
287Kb / 8P
750kHz -800MHz Low Phase Noise Multiplier XO
PLL602-35OC PLL-PLL602-35OC Datasheet
287Kb / 8P
750kHz -800MHz Low Phase Noise Multiplier XO
PLL602-35OC-R PLL-PLL602-35OC-R Datasheet
287Kb / 8P
750kHz -800MHz Low Phase Noise Multiplier XO
PLL602-35OCL PLL-PLL602-35OCL Datasheet
287Kb / 8P
750kHz -800MHz Low Phase Noise Multiplier XO
PLL602-35OCL-R PLL-PLL602-35OCL-R Datasheet
287Kb / 8P
750kHz -800MHz Low Phase Noise Multiplier XO
More results

Similar Description - PLL602-30

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL602-10 PLL-PLL602-10 Datasheet
122Kb / 7P
96MHz - 400MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
PLL602-35 PLL-PLL602-35 Datasheet
287Kb / 8P
750kHz -800MHz Low Phase Noise Multiplier XO
PLL602-11 PLL-PLL602-11 Datasheet
198Kb / 5P
96MHz - 200MHz Low Phase Noise PECL XO (12 - 25MHz Crystals)
PLL502-10 PLL-PLL502-10 Datasheet
138Kb / 8P
750kHz - 400MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL502-30 PLL-PLL502-30 Datasheet
213Kb / 8P
750kHz - 800MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
logo
Abracon Corporation
ABV0235 ABRACON-ABV0235 Datasheet
116Kb / 9P
750kHz - 800MHz Low Phase Noise Multiplier VCXO
03/21/05
ABX0235 ABRACON-ABX0235 Datasheet
289Kb / 8P
750kHz - 800MHz Low Phase Noise Multiplier XO
03/21/05
logo
Micrel Semiconductor
PL602-35 MICREL-PL602-35 Datasheet
473Kb / 10P
750kHz ??800MHz Low Phase Noise Multiplier XO
PL502-35 MICREL-PL502-35 Datasheet
498Kb / 10P
750kHz ??800MHz Low Phase Noise Multiplier VCXO
logo
Abracon Corporation
ABX0211 ABRACON-ABX0211 Datasheet
62Kb / 5P
96MHz ??200MHz Low Phase Noise PECL XO (12 ??25MHz Crystals)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com