Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL602-30DI Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL602-30DI
Description  750kHz - 800MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL602-30DI Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL602-30DI Datasheet HTML 1Page - PhaseLink Corporation PLL602-30DI Datasheet HTML 2Page - PhaseLink Corporation PLL602-30DI Datasheet HTML 3Page - PhaseLink Corporation PLL602-30DI Datasheet HTML 4Page - PhaseLink Corporation PLL602-30DI Datasheet HTML 5Page - PhaseLink Corporation PLL602-30DI Datasheet HTML 6Page - PhaseLink Corporation PLL602-30DI Datasheet HTML 7Page - PhaseLink Corporation PLL602-30DI Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PLL602-30
750kHz – 800MHz Low Phase Noise XO (for 12 – 25MHz Crystals)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 3
3. General Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Fout<24MHz
25/25/15
24MHz<Fout<96MHz
65/45/30
Supply Current,
Dynamic (with
Loaded Outputs)
IDD
PECL/LVDS/CMOS
96MHz<Fout<700MHz
100/80/40
mA
Operating Voltage
VDD
2.97
3.63
V
Output Clock
Duty Cycle
@ 50% VDD (CMOS)
@ 1.25V (LVDS)
@ VDD – 1.3V (PECL)
45
45
45
50
50
50
55
55
55
%
Short Circuit
Current
±50
mA
4. Jitter Specifications
PARAMETERS
CONDITIONS
FREQUENCY
MIN.
TYP.
MAX.
UNITS
19.44MHz
2.1
77.76MHz
3.5
106.25MHz
4.1
155.52MHz
4.3
Period jitter RMS1
With capacitive decoupling
between VDD and GND.
Over 10,000 cycles.
622.08MHz
6.0
ps
19.44MHz
17
77.76MHz
30
106.25MHz
28
155.52MHz
27
Period jitter Peak-to-
Peak1
With capacitive decoupling
between VDD and GND.
Over 10,000 cycles.
622.08MHz
40
ps
155.52MHz
2.6
4
Integrated jitter RMS2
Integrated 12 kHz to 20 MHz
622.08MHz
2.5
4
ps
5. Phase Noise Specifications
PARAMETERS
FREQUENCY
@10Hz
@100Hz
@1kHz
@10kHz
@100kHz
UNITS
19.44MHz
-80
-108
-132
-142
-142
106.25MHz
-70
-98
-122
-123
-117
155.52MHz
-60
-90
-115
-125
-119
Phase Noise2 relative
to carrier
(typical)
622.08MHz
-50
-77
-102
-115
-108
dBc/Hz
1) Jitter analyzer: Wavecrest SIA-3000
2) Phase Noise System: Agilent E5500



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com