Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL602-03SC-R Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL602-03SC-R
Description  Low Phase Noise CMOS XO (48MHz to 100MHz)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL602-03SC-R Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL602-03SC-R Datasheet HTML 1Page - PhaseLink Corporation PLL602-03SC-R Datasheet HTML 2Page - PhaseLink Corporation PLL602-03SC-R Datasheet HTML 3Page - PhaseLink Corporation PLL602-03SC-R Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PLL602-03
Low Phase Noise CMOS XO (48MHz to 100MHz)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 1
FEATURES
• Low phase noise XO output for the 48MHz to
100MHz range (-130 dBc at 10kHz offset).
• 12 to 25MHz crystal input.
• Integrated crystal load capacitor: no external
load capacitor required.
• Low jitter (RMS): 3ps period jitter (1 sigma).
• Selectable High Drive (30mA) or Standard Drive
(10mA) output.
• 3.3V operation.
• Available in 8-Pin TSSOP or SOIC.
DESCRIPTION
The PLL602-03 is a low cost, high performance and
low phase noise XO, providing less than -130dBc at
10kHz offset in the 48MHz to 100MHz operating
range. The very low jitter (3ps RMS period jitter)
makes this chip ideal for applications requiring clean
reference frequency sources. Input crystal can range
from 12 to 25MHz (fundamental resonant mode).
PIN CONFIGURATION
OUTPUT RANGE
MULTIPLIER
FREQUENCY
RANGE
OUTPUT
BUFFER
X4
48 - 100MHz
CMOS
BLOCK DIAGRAM
Reference
Divider
Phase
Comparator
Charge
Pump
Loop
Filter
VCO
VCO
Divider
XTAL
OSC
OE
XIN
XOUT
CLK
1
2
3
45
6
7
8
CLK
VDD
OE^
XIN
GND
N/C
XOUT
GND
Note: ^ denotes internal pull up


Similar Part No. - PLL602-03SC-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL602-03SC-R ETC1-PLL602-03SC-R Datasheet
198Kb / 4P
Low Phase Noise CMOS XO (48MHz to 100MHz)
More results

Similar Description - PLL602-03SC-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL602-03 ETC1-PLL602-03 Datasheet
198Kb / 4P
Low Phase Noise CMOS XO (48MHz to 100MHz)
logo
PhaseLink Corporation
PLL602-04 PLL-PLL602-04 Datasheet
201Kb / 4P
Low Phase Noise CMOS XO (96MHz to 200MHz)
PLL602-41 PLL-PLL602-41 Datasheet
98Kb / 4P
Low Phase Noise CMOS XO (48MHz to 96MHz)
PLL502-03 PLL-PLL502-03 Datasheet
181Kb / 4P
Low Phase Noise VCXO (48MHz to 100MHz)
logo
Micrel Semiconductor
PL602-04 MICREL-PL602-04 Datasheet
260Kb / 4P
Low Phase Noise CMOS XO (96MHz to 200MHz)
PL602-03 MICREL-PL602-03 Datasheet
259Kb / 4P
Low Phase Noise CMOS XO (48MHz to 100MHz)
PL502-03 MICREL-PL502-03 Datasheet
304Kb / 5P
Low Phase Noise VCXO (48MHz to 100MHz)
logo
Abracon Corporation
ABV0203 ABRACON-ABV0203 Datasheet
56Kb / 4P
Low Phase Noise VCXO (48MHz to 100MHz)
03/11/05
ABX0203 ABRACON-ABX0203 Datasheet
54Kb / 4P
Low Phase Noise CMOS XO (48MHz to 100MHz)
ABX0204 ABRACON-ABX0204 Datasheet
54Kb / 4P
Low Phase Noise CMOS XO (96MHz to 200MHz)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com