Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL620-80 Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL620-80
Description  Low Phase Noise XO (9.5-65MHz Output)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL620-80 Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL620-80 Datasheet HTML 1Page - PhaseLink Corporation PLL620-80 Datasheet HTML 2Page - PhaseLink Corporation PLL620-80 Datasheet HTML 3Page - PhaseLink Corporation PLL620-80 Datasheet HTML 4Page - PhaseLink Corporation PLL620-80 Datasheet HTML 5Page - PhaseLink Corporation PLL620-80 Datasheet HTML 6Page - PhaseLink Corporation PLL620-80 Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PLL620-80
Low Phase Noise XO (9.5-65MHz Output)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com Rev 11/09/04 Page 3
4. Jitter Specifications
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Period jitter RMS at 27MHz
2.3
Period jitter peak-to-peak at 27MHz
With capacitive decoupling between
VDD and GND. Over 10,000 cycles
18.5
20
ps
Accumulated jitter RMS at 27MHz
2.3
Accumulated jitter peak-to-peak at 27MHz
With capacitive decoupling between
VDD and GND. Over 1,000,000
cycles.
24
25
ps
Random Jitter
“RJ” measured on Wavecrest SIA
3000
2.3
ps
Measured on Wavecrest SIA 3000
5. Phase Noise Specifications
PARAMETERS
FREQUENCY
@10Hz
@100Hz
@1kHz
@10kHz @100kHz
UNITS
Phase Noise relative
to carrier
27MHz
-75
-100
-125
-140
-145
dBc/Hz
Note: Phase Noise measured on Agilent E5500
6. CMOS Output Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
IOH
VOH= VDD-0.4V, VDD=3.3V
30
mA
Output drive current
(High Drive)
IOL
VOL = 0.4V, VDD = 3.3V
30
mA
IOH
VOH= VDD-0.4V, VDD=3.3V
10
mA
Output drive current
(Standard Drive)
IOL
VOL = 0.4V, VDD = 3.3V
10
mA
Output Clock Rise/Fall Time
(Standard Drive)
0.3V ~ 3.0V with 15 pF load
2.4
Output Clock Rise/Fall Time
(High Drive)
0.3V ~ 3.0V with 15 pF load
1.2
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com