Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL620-80DI Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL620-80DI
Description  Low Phase Noise XO (9.5-65MHz Output)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL620-80DI Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL620-80DI Datasheet HTML 1Page - PhaseLink Corporation PLL620-80DI Datasheet HTML 2Page - PhaseLink Corporation PLL620-80DI Datasheet HTML 3Page - PhaseLink Corporation PLL620-80DI Datasheet HTML 4Page - PhaseLink Corporation PLL620-80DI Datasheet HTML 5Page - PhaseLink Corporation PLL620-80DI Datasheet HTML 6Page - PhaseLink Corporation PLL620-80DI Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PLL620-80
Low Phase Noise XO (9.5-65MHz Output)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com Rev 11/09/04 Page 1
FEATURES
• 19MHz to 65MHz crystal input.
• Output range: 9.5MHz – 65MHz
• Selectable OE Logic (enable high or enable low).
• Available outputs: PECL, LVDS, or CMOS (High
Drive (30mA) or Standard Drive (10mA) output).
• Supports 2.5V or 3.3V Power Supply.
• Available in die form.
DESCRIPTION
The PLL620-80 is a XO IC specifically designed to
work with fundamental or 3rd OT crystals between
19MHz and 65MHz. The selectable divide by two
feature extends the operation range from 9.5MHz to
65MHz. It requires very low current into the crystal
resulting in better overall stability. The OE logic
feature allows selection of enable high or enable low.
Furthermore, it provides selectable CMOS, PECL or
LVDS outputs.
DIE SPECIFICATIONS
Name
Value
Size
62 x 65 mil
Reverse side
GND
Pad dimensions
80 micron x 80 micron
Thickness
10 mil
BLOCK DIAGRAM
DIE CONFIGURATION
OUTPUT SELECTION AND ENABLE
OUT_SEL1*
(Pad 18)
OUT_SEL0*
(Pad 25)
Selected Output*
0
0
High Drive CMOS
0
1
Standard CMOS
1
0
LVDS
1
1
PECL (default)
OE_SELECT
(Pad 9)
OE_CTRL
(Pad 30)
State
0
Tri-state
0
1 (Default)
Output enabled
0 (Default)
Output enabled
1 (Default)
1
Tri-state
Pads #9, #18 & #25: Bond to GND to set to “0”,
No connection results to “default” setting
through internal pull-up.
OE_CTRL: Logical states defined by PECL levels if OE_SELECT is “1”
Logical states defined by CMOS levels if OE_SELECT is “0”
OUTPUT FREQUENCY SELECTOR
S2
Output
0
Input/2
1(Default)*
Input
*Internally set to ‘Default’ through 60K pull-up resistor
18
19
20
21
23
25
7
13
10
26
29
31
Y
X
(0,0)
(1550,1475)
65 mil
24
22
17
16
15
14
12
11
9
8
6
1
2
3
4
5
27
28
30
OE_SEL^
PECL
LVDS
VDDBUF
VDDBUF
PECLB
LVDSB
CMOS
GNDBUF
XIN
XOUT
N/C
OE
CTRL
S2^
N/C
Die ID:
A2020-20B
C502A
XIN
XOUT
OE
Q
PLL620-80
Q
Oscillator
Amplifier
S2


Similar Part No. - PLL620-80DI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL620-80DI ETC1-PLL620-80DI Datasheet
212Kb / 7P
Low Phase Noise XO (9.5-65MHz Output)
More results

Similar Description - PLL620-80DI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL620-80 ETC1-PLL620-80 Datasheet
212Kb / 7P
Low Phase Noise XO (9.5-65MHz Output)
logo
PhaseLink Corporation
P521-49 PLL-P521-49 Datasheet
107Kb / 6P
Low Phase Noise LVDS VCXO (27MHz to 65MHz)
PLL620-88 PLL-PLL620-88 Datasheet
200Kb / 6P
Low Phase Noise XO (9.5-65MHz Output)
PLL520-80 PLL-PLL520-80 Datasheet
226Kb / 7P
Low Phase Noise VCXO (9.5-65MHz)
PLL520-88-89 PLL-PLL520-88-89 Datasheet
216Kb / 7P
Low Phase Noise VCXO (9.5-65MHz)
logo
Abracon Corporation
ABV2088 ABRACON-ABV2088 Datasheet
71Kb / 7P
Low Phase Noise VCXO (9.5-65MHz)
03/21/05
ABX2088 ABRACON-ABX2088 Datasheet
67Kb / 6P
Low Phase Noise XO (9.5-65MHz Output)
03/21/05
ABX8037 ABRACON-ABX8037 Datasheet
214Kb / 10P
38-640MHz Low Phase Noise XO
9/1/05
logo
EUROQUARTZ limited
Y1600 EUROQUARTZ-Y1600 Datasheet
74Kb / 1P
Rugged XO/Low Phase Noise
logo
Micrel Semiconductor
PL620-88 MICREL-PL620-88 Datasheet
347Kb / 6P
Low Phase Noise XO (9.5-65MHz Output)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com