Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL650-02XC-R Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL650-02XC-R
Description  Low EMI Network LAN Clock
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL650-02XC-R Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL650-02XC-R Datasheet HTML 1Page - PhaseLink Corporation PLL650-02XC-R Datasheet HTML 2Page - PhaseLink Corporation PLL650-02XC-R Datasheet HTML 3Page - PhaseLink Corporation PLL650-02XC-R Datasheet HTML 4Page - PhaseLink Corporation PLL650-02XC-R Datasheet HTML 5Page - PhaseLink Corporation PLL650-02XC-R Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PLL650-02
Low EMI Network LAN Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 1
FEATURES
• Full CMOS output swing with 40-mA output drive
capability. 25-mA output drive at TTL level.
• Advanced, low power, sub-micron CMOS processes.
• 25MHz fundamental crystal or clock input.
• 4 outputs at 50MHz, 2 outputs selectable at 25MHz or
125MHz, 1 output selectable at 25MHz or 100MHz.
• 2 SDRAM selectable frequencies of 66.6, 75, 83.3,
100MHz (Double Drive Strength).
• All non SDRAM outputs can be disabled (tri-state)
• Spread spectrum technology selectable for EMI
reduction from
±0.5%, ±0.75% for SDRAM and 100MHz
output.
• Zero PPM synthesis error in all clocks.
• Ideal for Network switches.
• 3.3V operation.
•
Available in 24-Pin 150mil SSOP.
DESCRIPTIONS
The PLL 650-02 is a low cost, low jitter, and high
performance clock synthesizer. With PhaseLink’s
proprietary analog Phase Locked Loop techniques, the chip
accepts 25 MHz crystal, and produces multiple output
clocks for networking chips, PCI devices, SDRAM, and
ASICs, with double drive strength for its SDRAM outputs.
PIN CONFIGURATION
FREQUENCY TABLE
FS1
FS0
SDRAM
FS3
Pin 13, 15
FS2
Pin 22
0
0
100MHzSST
0
Disable
0
25MHz
0
1
75MHzSST
M
125MHz
M
Disable
1
0
83.3MHzSST
1
25MHz
1
100MHzSST
1
1
66.6MHzSST
FS(2:3): Tri-level inputs.
SST: SST modulation applied (see selection table)
BLOCK DIAGRAM
XTAL
OSC
50MHz
(can be disabled)
XIN
XOUT
25MHz/125MHz
(can be disabled)
SDRAM (66.6, 75, 83.3, 100MHz)
25MHz/100MHz
(can be disabled)
Control
Logic
FS (0:3)
4
2
2
1
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
VDD
50MHz/SS0* T
FS3T
50MHz/FS2* T
50MHz/FS1*^
GND
50MHz/FS0*^
VDD
GND
XOUT/50MHz_OE*^
XIN
VDD
VDD
VDD
25MHz/125MHz
GND
25MHz/125MHz
VDD
VDD
25MHz/100MHz
GND
SDRAMx2
GND
SDRAMx2
Note: SDRAMx2: Double Drive strength. T: Tri-Level input ^: Internal pull-up
resistor. *: Bi-directional pin (input value is latched upon power-up).


Similar Part No. - PLL650-02XC-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL650-02XC ETC1-PLL650-02XC Datasheet
100Kb / 6P
Low EMI Network LAN Clock
More results

Similar Description - PLL650-02XC-R

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK5811A ICST-MK5811A Datasheet
151Kb / 7P
Low EMI Clock Generator
Revision 091205
logo
List of Unclassifed Man...
PLL650-02 ETC1-PLL650-02 Datasheet
100Kb / 6P
Low EMI Network LAN Clock
logo
PhaseLink Corporation
PLL650-03 PLL-PLL650-03 Datasheet
231Kb / 6P
Low EMI Network LAN Clock
PLL650-05 PLL-PLL650-05 Datasheet
231Kb / 6P
Low EMI Network LAN Clock
PLL650-06 PLL-PLL650-06 Datasheet
228Kb / 5P
Network LAN Clock
PLL650-07 PLL-PLL650-07 Datasheet
210Kb / 4P
LOW COST Network LAN Clock SOURCE
PLL650-08 PLL-PLL650-08 Datasheet
312Kb / 5P
Network LAN Clock Source
PLL650-10 PLL-PLL650-10 Datasheet
321Kb / 5P
Network LAN Clock for Gigabit Ethernet
PLL650-01 PLL-PLL650-01 Datasheet
219Kb / 7P
Low EMI Network LAN Clock
PLL650-09 PLL-PLL650-09 Datasheet
332Kb / 5P
Low Cost Network LAN Clock
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com