Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL501J Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APL501J
Description  N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APL501J Datasheet(HTML) 2 Page - Advanced Power Technology

  APL501J_02 Datasheet HTML 1Page - Advanced Power Technology APL501J_02 Datasheet HTML 2Page - Advanced Power Technology APL501J_02 Datasheet HTML 3Page - Advanced Power Technology APL501J_02 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DYNAMIC CHARACTERISTICS
APL501J
1 Repetitive Rating: Pulse width limited by maximum junction temperature. See Transient Thermal Impedance Curve. (Fig.1)
2 Pulse Test: Pulse width < 380 µS, Duty Cycle < 2%
3 See MIL-STD-750 Method 3471
10-5
10-4
10-3
10-2
10-1
1.0
10
RECTANGULAR PULSE DURATION (SECONDS)
FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
0.3
0.1
0.05
0.01
0.005
0.001
Note:
Duty Factor D =
t1/t
2
Peak TJ = PDM x ZθJC + TC
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D=0.5
SAFE OPERATING AREA CHARACTERISTICS
Test Conditions / Part Number
V
DS
= 400 V, I
DS
= 0.813A, t = 20 sec., T
C
= 60°C
Watts
Symbol
C
iss
C
oss
C
rss
t
d
(on)
t
r
t
d
(off)
t
f
MIN
TYP
MAX
6040
7300
1220
1710
510
770
13
26
20
40
54
81
11
20
UNIT
pF
ns
Symbol
SOA1
MIN
TYP
MAX
325
UNIT
Characteristic
Safe Operating Area
Test Conditions
V
GS
= 0V
V
DS
= 25V
f = 1 MHz
V
GS
= 15V
V
DD
= 0.5 V
DSS
I
D
= I
D
[Cont.] @ 25°C
R
G
= 0.6
Ω
Characteristic
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
80
60
40
20
0
80
60
40
20
0
0
20406080
100
0
4
8
12
16
V
DS
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
V
DS
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE2,TYPICALOUTPUTCHARACTERISTICS
FIGURE3,TYPICALOUTPUTCHARACTERISTICS
8 V
6 V
7 V
VGS=9V, 10V, 12V, 14 & 16V
5 V
8 V
6 V
7 V
5 V
9 V
VGS=10, 12, 14 & 16V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com