Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS148 Datasheet(PDF) 6 Page - Texas Instruments

Part # LS148
Description  10-LINE TO 4-LINE AND 8-LINE TO 3-LINE PRIORITY ENCODERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LS148 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LS148 Datasheet HTML 2Page - Texas Instruments LS148 Datasheet HTML 3Page - Texas Instruments LS148 Datasheet HTML 4Page - Texas Instruments LS148 Datasheet HTML 5Page - Texas Instruments LS148 Datasheet HTML 6Page - Texas Instruments LS148 Datasheet HTML 7Page - Texas Instruments LS148 Datasheet HTML 8Page - Texas Instruments LS148 Datasheet HTML 9Page - Texas Instruments LS148 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
SN54147, SN54148, SN54LS147, SN54LS148
SN74147, SN74148 (TIM9907), SN74LS147, SN74LS148
10LINE TO 4LINE AND 8LINE TO 3LINE PRIORITY ENCODERS
SDLS053B − OCTOBER 1976 − REVISED MAY 2004
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematics of inputs and outputs
EQUIVALENT OF EACH INPUT
VCC
Input
Req
0 input (’148): Req = 2 kΩ NOM
All other inputs: Req = 4 kΩ NOM
TYPICAL OF ALL OUTPUTS
VCC
Output
’147, ’148
85 Ω NOM
EQUIVALENT OF ALL INPUTS
VCC
Input
’LS147, ’LS148
TYPICAL OF ALL OUTPUTS
Output
VCC
120
Ω NOM
Req
’LS148 inputs 1–7: Req = 9 kΩ NOM
All other inputs: Req = 18 kΩ NOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com