Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT7200L Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ACT7200L
Description  256 횞 9, 512 횞 9, 1024 횞 9 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7200L Datasheet(HTML) 1 Page - Texas Instruments

  SN74ACT7200L Datasheet HTML 1Page - Texas Instruments SN74ACT7200L Datasheet HTML 2Page - Texas Instruments SN74ACT7200L Datasheet HTML 3Page - Texas Instruments SN74ACT7200L Datasheet HTML 4Page - Texas Instruments SN74ACT7200L Datasheet HTML 5Page - Texas Instruments SN74ACT7200L Datasheet HTML 6Page - Texas Instruments SN74ACT7200L Datasheet HTML 7Page - Texas Instruments SN74ACT7200L Datasheet HTML 8Page - Texas Instruments SN74ACT7200L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SN74ACT7200L, SN74ACT7201LA, SN74ACT7202LA
256
× 9, 512 × 9, 1024 × 9
ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SCAS221A – FEBRUARY 1993 – REVISED SEPTEMBER 1995
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Reads and Writes Can Be Asynchronous
or Coincident
D Organization:
– SN74ACT7200L – 256
× 9
– SN74ACT7201LA – 512
× 9
– SN74ACT7202LA – 1024
× 9
D Fast Data Access Times of 15 ns
D Read and Write Frequencies up to 40 MHz
D Bit-Width and Word-Depth Expansion
D Fully Compatible With the
IDT7200 / 7201 / 7202
D Retransmit Capability
D Empty, Full, and Half-Full Flags
D TTL-Compatible Inputs
D Available in 28-Pin Plastic DIP (NP),
Small-Outline (DV), and 32-Pin Plastic
J-Leaded Chip-Carrier (RJ) Packages
description
The SN74ACT7200L, SN74ACT7201LA, and
SN74ACT7202LA are constructed with dual-port
SRAM and have internal write and read address
counters to provide data throughput on a first-in,
first-out (FIFO) basis. Write and read operations
are independent and can be asynchronous or
coincident. Empty and full status flags prevent
underflow
and
overflow
of
memory,
and
depth-expansion logic allows combining the
storage cells of two or more devices into one
FIFO. Word-width expansion is also possible.
Data is loaded into memory by the write-enable
(W) input and unloaded by the read-enable (R)
input. Read and write cycle times of 25 ns
(40 MHz) are possible with data access times of
15 ns.
These devices are particularly suited for providing a data channel between two buses operating at
asynchronous rates. Applications include use as rate buffers from analog-to-digital converters in data-
acquisition systems, temporary storage elements between buses and magnetic or optical memories, and
queues for communication systems. A 9-bit-wide data path is provided for the transmission of byte data plus
a parity bit or packet-framing information. The read pointer can be reset independently of the write pointer for
retransmitting previously read data when a device is not used in depth expansion.
The SN74ACT7200L, SN74ACT7201LA, and SN74ACT7202LA are characterized for operation from 0
°C
to 70
°C.
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
W
D8
D3
D2
D1
D0
XI
FF
Q0
Q1
Q2
Q3
Q8
GND
VCC
D4
D5
D6
D7
FL /RT
RS
EF
XO/HF
Q7
Q6
Q5
Q4
R
DV OR NP PACKAGE
(TOP VIEW)
32 1 32 31
14
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
D6
D7
NC
FL /RT
RS
EF
XO/HF
Q7
Q6
D2
D1
D0
XI
FF
Q0
Q1
NC
Q2
430
15 16 17 18 19
RJ PACKAGE
(TOP VIEW)
20
NC – No internal connection
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74ACT7200L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT7203L TI1-SN74ACT7203L Datasheet
327Kb / 22P
ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7203L15NP TI1-SN74ACT7203L15NP Datasheet
327Kb / 22P
ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7203L15RJ TI1-SN74ACT7203L15RJ Datasheet
327Kb / 22P
ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7203L25NP TI1-SN74ACT7203L25NP Datasheet
327Kb / 22P
ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7203L25RJ TI1-SN74ACT7203L25RJ Datasheet
327Kb / 22P
ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
More results

Similar Description - SN74ACT7200L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT2226 TI-SN74ACT2226 Datasheet
173Kb / 13P
DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
SN74ACT2227 TI-SN74ACT2227 Datasheet
174Kb / 13P
DUAL 64 횞 1, DUAL 256 횞 1 FIRST-IN, FIRST-OUT MEMORIES
SN74ACT2235 TI-SN74ACT2235 Datasheet
275Kb / 18P
1024 횞 9 횞 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7807 TI-SN74ACT7807 Datasheet
203Kb / 15P
2048 횞 9 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7808 TI-SN74ACT7808 Datasheet
183Kb / 14P
2048 횞 9 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7804 TI-SN74ALVC7804 Datasheet
150Kb / 11P
512 횞 18 FIRST-IN, FIRST-OUT MEMORY
SN74ACT7808 TI-SN74ACT7808_07 Datasheet
293Kb / 18P
2048 횞 9 STROBED FIRST-IN, FIRST-OUT MEMORY
SN74ACT2226 TI-SN74ACT2226_06 Datasheet
257Kb / 15P
DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
SN74ACT3632 TI1-SN74ACT3632_08 Datasheet
503Kb / 30P
512 횞 36 횞 2CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT2227 TI1-SN74ACT2227_15 Datasheet
786Kb / 18P
DUAL 64 횞 1, DUAL 256 횞 1 FIRST-IN, FIRST-OUT MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com