Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHCT74 Datasheet(PDF) 4 Page - Texas Instruments

Part # AHCT74
Description  DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AHCT74 Datasheet(HTML) 4 Page - Texas Instruments

  AHCT74 Datasheet HTML 1Page - Texas Instruments AHCT74 Datasheet HTML 2Page - Texas Instruments AHCT74 Datasheet HTML 3Page - Texas Instruments AHCT74 Datasheet HTML 4Page - Texas Instruments AHCT74 Datasheet HTML 5Page - Texas Instruments AHCT74 Datasheet HTML 6Page - Texas Instruments AHCT74 Datasheet HTML 7Page - Texas Instruments AHCT74 Datasheet HTML 8Page - Texas Instruments AHCT74 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
SN54AHCT74, SN74AHCT74
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH CLEAR AND PRESET
SCLS263N – DECEMBER 1995 – REVISED JULY 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54AHCT74
SN74AHCT74
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
VOH
IOH = –50 mA
45 V
4.4
4.5
4.4
4.4
V
VOH
IOH = –8 mA
4.5 V
3.94
3.8
3.8
V
VOL
IOL = 50 mA
45 V
0.1
0.1
0.1
V
VOL
IOL = 8 mA
4.5 V
0.36
0.44
0.44
V
II
VI = 5.5 V or GND
0 V to 5.5 V
±0.1
±1*
±1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
2
20
20
mA
∆ICC†
One input at 3.4 V,
Other inputs at VCC or GND
5.5 V
1.35
1.5
1.5
mA
Ci
VI = VCC or GND
5 V
2
10
10
pF
* On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V.
† This is the increase in supply current for each input at one of the specified TTL voltage levels, rather than 0 V or VCC.
timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V
(unless otherwise noted) (see Figure 1)
PARAMETER
TA = 25°C
SN54AHCT74
SN74AHCT74
UNIT
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
t
Pulse duration
PRE or CLR low
5
5
5
ns
tw
Pulse duration
CLK
5
5
5
ns
t
Setup time before CLK
↑
Data
5
5
5
ns
tsu
Setup time before CLK
↑
PRE or CLR inactive
3.5
3.5
3.5
ns
th
Hold time, data after CLK
↑
0
0
0
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHCT74
SN74AHCT74
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
f
CL = 15 pF
100**
160**
80**
80
MHz
fmax
CL = 50 pF
80
140
65
65
MHz
tPLH
PRE or CLR
QorQ
CL =15 pF
7.6**
10.4**
1**
12**
1
12
ns
tPHL
PRE or CLR
Q or Q
CL = 15 pF
7.6**
10.4**
1**
12**
1
12
ns
tPLH
CLK
QQ
CL =15 pF
5.8**
7.8**
1**
9**
1
9
ns
tPHL
CLK
Q or Q
CL = 15 pF
5.8**
7.8**
1**
9**
1
9
ns
tPLH
PRE
CLR
QQ
CL =50 pF
8.1
11.4
1
13
1
13
ns
tPHL
PRE or CLR
Q or Q
CL = 50 pF
8.1
11.4
1
13
1
13
ns
tPLH
CLK
QorQ
CL =50 pF
6.3
8.8
1
10
1
10
ns
tPHL
CLK
Q or Q
CL = 50 pF
6.3
8.8
1
10
1
10
ns
** On products compliant to MIL-PRF-38535, this parameter is not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com