Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM3C-RKW-AKW Datasheet(PDF) 1 Page - Cree LED

Part # CLM3C-RKW-AKW
Description  CLM3C-RKW/AKW: PLCC2 1 IN 1 SMD LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CLM3C-RKW-AKW Datasheet(HTML) 1 Page - Cree LED

  CLM3C-RKW-AKW Datasheet HTML 1Page - Cree LED CLM3C-RKW-AKW Datasheet HTML 2Page - Cree LED CLM3C-RKW-AKW Datasheet HTML 3Page - Cree LED CLM3C-RKW-AKW Datasheet HTML 4Page - Cree LED CLM3C-RKW-AKW Datasheet HTML 5Page - Cree LED CLM3C-RKW-AKW Datasheet HTML 6Page - Cree LED CLM3C-RKW-AKW Datasheet HTML 7Page - Cree LED CLM3C-RKW-AKW Datasheet HTML 8Page - Cree LED CLM3C-RKW-AKW Datasheet HTML 9Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT FAMILY DATA SHEET
Cree LED / 4001 E. Hwy. 54, Suite 2000 / Durham, NC 27709 USA / +1.919.313.5330 / www.cree-led.com
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT1156
REV 10
1
CLM3C-RKW/AKW: PLCC2 1 IN 1 SMD LED
PRODUCT DESCRIPTION
SMD LEDs is packaged in the industry
standard package. These LEDs have high
reliability performance and are
designed to work under a wide range of
environmental conditions.
This high reliability feature makes
them ideally suited to be used under
illumination application conditions.
Its wide viewing angle makes these
LEDs ideally suited for channel letter, or
general backlighting and illumina-tion
applications. The flat top emitting surface
makes it easy for these LEDs
to mate with light pipes.
FEATURES
• Size (mm): 2.7 X 2.0
• Color and Typical Dominant
Wavelength:
Red (624nm)
Amber (591nm)
• Luminous Intensity (mcd)
CLM3C-RKW:(560-1400)
CLM3C-AKW:(355-900)
• Lead - Free
• RoHS Compliant
APPLICATIONS
• Channel Letter
• Architectural Lighting


Similar Part No. - CLM3C-RKW-AKW

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM3C-RKW-CUaVbAA3 CREE-CLM3C-RKW-CUaVbAA3 Datasheet
745Kb / 8P
Cree PLCC2 1-in-1 SMD LED
CLM3C-RKW-CUbVaAA3 CREE-CLM3C-RKW-CUbVaAA3 Datasheet
745Kb / 8P
Cree PLCC2 1-in-1 SMD LED
More results

Similar Description - CLM3C-RKW-AKW

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM1B-RKW CREE-CLM1B-RKW Datasheet
265Kb / 6P
PLCC2 1 in 1 SMD LED
CLM1B-BKW CREE-CLM1B-BKW Datasheet
261Kb / 6P
PLCC2 1-in-1 SMD LED
CLM1S-WKW CREE-CLM1S-WKW Datasheet
527Kb / 9P
PLCC2 1-in-1 SMD LED
CLM3C-WKW CREE-CLM3C-WKW Datasheet
785Kb / 11P
PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM1B-BKW-GKW MARKTECH-CLM1B-BKW-GKW Datasheet
421Kb / 8P
PLCC2 1-in-1 SMD LED
CLM1B-RKW-AKW MARKTECH-CLM1B-RKW-AKW Datasheet
424Kb / 8P
PLCC2 1 in 1 SMD LED
CLM3A MARKTECH-CLM3A Datasheet
376Kb / 10P
PLCC2 1-in-1 SMD LED
CLM3C MARKTECH-CLM3C Datasheet
787Kb / 11P
PLCC2 1 in 1 SMD LED
CLM1B-BKW-GKW MARKTECH-CLM1B-BKW-GKW_15 Datasheet
421Kb / 8P
PLCC2 1-in-1 SMD LED
CLM3A MARKTECH-CLM3A_15 Datasheet
376Kb / 10P
PLCC2 1-in-1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com