Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM4B-RKW-AKW Datasheet(PDF) 3 Page - Cree LED

Part # CLM4B-RKW-AKW
Description  CLM4B-RKW/AKW: PLCC4 1 IN 1 SMD LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CLM4B-RKW-AKW Datasheet(HTML) 3 Page - Cree LED

  CLM4B-RKW-AKW Datasheet HTML 1Page - Cree LED CLM4B-RKW-AKW Datasheet HTML 2Page - Cree LED CLM4B-RKW-AKW Datasheet HTML 3Page - Cree LED CLM4B-RKW-AKW Datasheet HTML 4Page - Cree LED CLM4B-RKW-AKW Datasheet HTML 5Page - Cree LED CLM4B-RKW-AKW Datasheet HTML 6Page - Cree LED CLM4B-RKW-AKW Datasheet HTML 7Page - Cree LED CLM4B-RKW-AKW Datasheet HTML 8Page - Cree LED CLM4B-RKW-AKW Datasheet HTML 9Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CLM4B-RKW/AKW: PLCC4 1 IN 1 SMD LED
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT1087
REV 7
3
INTENSITY BIN LIMIT
Red(50 mA) - CLM4B-RKW
Amber (50 mA) - CLM4B-AKW
Bin Code
Min.(mcd)
Max.(mcd)
Bin Code
Min.(mcd)
Max.(mcd)
Wa
1120
1400
Wa
1120
1400
Wb
1400
1800
Wb
1400
1800
Xa
1800
2240
Xa
1800
2240
Xb
2240
2800
Xb
2240
2800
*
Tolerance of measurement of luminous intensity is ±10%
COLOR BIN LIMIT
Red (50 mA) - CLM4B-RKW
Amber (50 mA) - CLM4B-AKW
Bin Code
Min.(nm)
Max.(nm)
Bin Code
Min.(nm)
Max.(nm)
RA
618
630
A2
584
587
A3
587
590
A4
590
593
A5
593
596
A6
596
599
*
Tolerance of measurement of dominant wavelength is ±1 nm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com