Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3014 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3014
Description  20mA, 3V to 80V Low Dropout Micropower Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3014 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3014 Datasheet HTML 8Page - Linear Technology LT3014 Datasheet HTML 9Page - Linear Technology LT3014 Datasheet HTML 10Page - Linear Technology LT3014 Datasheet HTML 11Page - Linear Technology LT3014 Datasheet HTML 12Page - Linear Technology LT3014 Datasheet HTML 13Page - Linear Technology LT3014 Datasheet HTML 14Page - Linear Technology LT3014 Datasheet HTML 15Page - Linear Technology LT3014 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT3014
3014fb
IN
LT3014
SHDN
1
µF
RETURN
OFF ON
–48V
OUT
ADJ
GND
3014 TA06
1
µF
RSET
ILED = 1.22V/RSET
–48V CAN VARY FROM –3.3V TO –80V
+
ADJ
OUT
IN
SHDN
LT3014
GND
ON
OFF
1
µF
1
µF
VIN
12V
(LATER 42V)
LOAD: CLOCK,
SECURITY SYSTEM
ETC
+
–
ADJ
OUT
IN
SHDN
LT3014
GND
ON
OFF
1
µF
1
µF
VIN
48V
(72V TRANSIENT)
LOAD:
SYSTEM MONITOR
ETC
NO PROTECTION
DIODE NEEDED!
NO PROTECTION
DIODE NEEDED!
3014 TA05
BACKUP
BATTERY
R1
R2
R1
R2
LT3014 Automotive Application
LT3014 Telecom Application
Constant Brightness for Indicator LED over Wide Input Voltage Range
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com