Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2607IDE Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2607IDE
Description  16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2607IDE Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2607IDE Datasheet HTML 12Page - Linear Technology LTC2607IDE Datasheet HTML 13Page - Linear Technology LTC2607IDE Datasheet HTML 14Page - Linear Technology LTC2607IDE Datasheet HTML 15Page - Linear Technology LTC2607IDE Datasheet HTML 16Page - Linear Technology LTC2607IDE Datasheet HTML 17Page - Linear Technology LTC2607IDE Datasheet HTML 18Page - Linear Technology LTC2607IDE Datasheet HTML 19Page - Linear Technology LTC2607IDE Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LTC2607/LTC2617/LTC2627
26071727f
PART NUMBER
DESCRIPTION
COMMENTS
LTC1458/LTC1458L
Quad 12-Bit Rail-to-Rail Output DACs with Added Functionality
LTC1458: VCC = 4.5V to 5.5V, VOUT = 0V to 4.096V
LTC1458L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
LTC1654
Dual 14-Bit Rail-to-Rail VOUT DAC
Programmable Speed/Power, 3.5
µs/750µA, 8µs/450µA
LTC1655/LTC1655L
Single 16-Bit VOUT DACs with Serial Interface in SO-8
VCC = 5V(3V), Low Power, Deglitched
LTC1657/LTC1657L
Parallel 5V/3V 16-Bit VOUT DACs
Low Power, Deglitched, Rail-to-Rail VOUT
LTC1660/LTC1665
Octal 10/8-Bit VOUT DACs in 16-Pin Narrow SSOP
VCC = 2.7V to 5.5V, Micropower, Rail-to-Rail Output
LTC1664
Quad 10-Bit VOUT DAC in 16-Pin Narrow SSOP
VCC = 2.7V to 5.5V, Micropower, Rail-to-Rail Output
LTC1821
Parallel 16-Bit Voltage Output DAC
Precision 16-Bit Settling in 2
µs for 10V Step
LTC2600/LTC2610/
Octal 16-/14-/12-Bit VOUT DACs in 16-Lead SSOP
250
µA per DAC, 2.5V to 5.5V Supply Range, Rail-to-Rail
LTC2620
Output, SPI Serial Interface
LTC2601/LTC2611/
Single 16-/14-/12-Bit VOUT DACs in 10-Lead DFN
300
µA per DAC, 2.5V to 5.5V Supply Range, Rail-to-Rail
LTC2621
Output, SPI Serial Interface
LTC2602/LTC2612/
Dual 16-/14-/12-Bit VOUT DACs in 8-Lead MSOP
300
µA per DAC, 2.5V to 5.5V Supply Range, Rail-to-Rail
LTC2622
Output, SPI Serial Interface
LTC2604/LTC2614/
Quad 16-/14-/12-Bit VOUT DACs in 16-Lead SSOP
250
µA per DAC, 2.5V to 5.5V Supply Range, Rail-to-Rail
LTC2624
Output, SPI Serial Interface
LTC2605/LTC2615/
Octal 16-/14-/12-Bit VOUT DACs with I2C Interface
250
µA per DAC, 2.7V to 5.5V Supply Range, Rail-to-Rail
LTC2625
Output, I2C Interface
LTC2606/LTC2616/
16-/14-/12-Bit VOUT DACs with I2C Interface
270
µA per DAC, 2.7V to 5.5V Supply Range, Rail-to-Rail
LTC2626
Output, I2C Interface
LTC2609/LTC2619/
Quad 16-/14-/12-Bit VOUT DACs with I2C Interface
250
µA Range per DAC, 2.7V to 5.5V Supply Range,
LTC2629
Rail-to-Rail Output with Separate VREF Pins for Each DAC
© LINEAR TECHNOLOGY CORPORATION 2005
LT/LWI/TP 0705 500 • PRINTED IN THE USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
RELATED PARTS
TYPICAL APPLICATIO
Demo Circuit Schematic. Onboard 20-Bit ADC Measures Key Performance Parameters
9
8
7
10
3
1
2
6
4
5
5
6
2
8
6
1
2607 TA01
10, 13
I2C BUS
VREF
1V TO 5V
0.1
µF
SPI BUS
5V
5V
73
100
Ω
7.5k
DAC
OUTPUT B
12
4
100
Ω
7.5k
DAC
OUTPUT A
FO
SCK
SDO
CS
VCC
FSSET
GND
ZSSET
LTC2422
VCC REF
GND
REFLO
LTC2607
LDAC
CA0
CA1
CA2
SCL
SDA
VOUTB
VOUTA
CH 1
CH 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com