Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5675R Datasheet(PDF) 7 Page - Analog Devices

Part # AD5675R
Description  16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference TC, I2C Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5675R Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5675R Datasheet HTML 3Page - Analog Devices AD5675R Datasheet HTML 4Page - Analog Devices AD5675R Datasheet HTML 5Page - Analog Devices AD5675R Datasheet HTML 6Page - Analog Devices AD5675R Datasheet HTML 7Page - Analog Devices AD5675R Datasheet HTML 8Page - Analog Devices AD5675R Datasheet HTML 9Page - Analog Devices AD5675R Datasheet HTML 10Page - Analog Devices AD5675R Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Data Sheet
AD5673R/AD5677R
Rev. 0 | Page 7 of 31
AC CHARACTERISTICS
VDD = 2.7 V to 5.5 V, 1.62 V ≤ VLOGIC ≤ 5.5 V, RL = 2 kΩ to GND, CL = 200 pF to GND, all specifications are TJ = −40°C to +125°C, typical
at TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT VOLTAGE SETTLING TIME1
6
8
µs
¼ to ¾ scale settling to ±2 LSB
SLEW RATE
0.8
V/µs
DIGITAL-TO-ANALOG GLITCH IMPULSE1
1.4
nV-sec
1 LSB change around major carry (internal reference, gain = 1)
DIGITAL FEEDTHROUGH1
0.13
nV-sec
CROSSTALK1
Digital
0.1
nV-sec
Analog
−0.25
nV-sec
−1.3
nV-sec
Internal reference, gain = 2
DAC to DAC
−2.0
nV-sec
Internal reference, gain = 2
TOTAL HARMONIC DISTORTION (THD)2
−80
dB
At TA, bandwidth = 20 kHz, VDD = 5 V, output frequency (fOUT) =
1 kHz, internal reference, gain = 2
OUTPUT NOISE SPECTRAL DENSITY
(NSD)1
300
nV/√Hz
DAC code = midscale, 10 kHz, gain = 2
OUTPUT NOISE
6
µV p-p
0.1 Hz to 10 Hz, gain = 1
SIGNAL-TO-NOISE RATIO (SNR)
90
dB
At TA = 25°C, bandwidth = 20 kHz, VDD = 5 V, fOUT = 1 kHz,
internal reference
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
83
dB
At TA = 25°C, bandwidth = 20 kHz, VDD = 5 V, fOUT = 1 kHz,
internal reference
SIGNAL-TO-NOISE-AND-DISTORTION
RATIO (SINAD)
80
dB
At TA = 25°C, bandwidth = 20 kHz, VDD = 5 V, fOUT = 1 kHz,
internal reference, gain = 2
1
See the Terminology section. Measured using internal reference and gain = 1, unless otherwise noted.
2
Digitally generated sine wave (fOUT) at 1 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com