Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2909 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2909
Description  Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2909 Datasheet(HTML) 2 Page - Linear Technology

  LTC2909 Datasheet HTML 1Page - Linear Technology LTC2909 Datasheet HTML 2Page - Linear Technology LTC2909 Datasheet HTML 3Page - Linear Technology LTC2909 Datasheet HTML 4Page - Linear Technology LTC2909 Datasheet HTML 5Page - Linear Technology LTC2909 Datasheet HTML 6Page - Linear Technology LTC2909 Datasheet HTML 7Page - Linear Technology LTC2909 Datasheet HTML 8Page - Linear Technology LTC2909 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC2909
2
2909fa
Terminal Voltages
VCC (Note 3)............................................. –0.3V to 6V
SEL,
⎯R⎯S⎯T .............................................. –0.3V to 7.5V
ADJ1, ADJ2 .......................................... –0.3V to 7.5V
TMR.......................................... –0.3V to (VCC + 0.3V)
Terminal Currents
IVCC (Note 3)....................................................±10mA
IREF ....................................................................±1mA
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 76°C/W
EXPOSED PAD (PIN 9) MAY BE LEFT OPEN OR TIED TO GND
(PCB CONNECTION REQUIRED FOR STATED θJA)
*The temperature grade is identified by a label on the shipping container. Consult LTC Marketing for parts specified with wider operating temperature ranges.
LBXG
LBXG
LBZS
LBZS
LBZT
LBZT
LTC2909CDDB-2.5
LTC2909IDDB-2.5
LTC2909CDDB-3.3
LTC2909IDDB-3.3
LTC2909CDDB-5
LTC2909IDDB-5
(Notes 1, 2)
ABSOLUTE
AXI U
RATI GS
Operating Temperature Range
LTC2909C ................................................ 0°C to 70°C
LTC2909I .............................................– 40°C to 85°C
Storage Temperature Range
DFN....................................................– 65°C to 125°C
TSOT-23.............................................– 65°C to 150°C
Lead Temperature (Soldering, 10 sec)
TSOT-23............................................................ 300°C
TOP VIEW
9
DDB PACKAGE
8-LEAD (3mm
´ 2mm) PLASTIC DFN
5
6
7
8
4
3
2
1
SEL
TMR
VCC
RST
ADJ1
ADJ2
REF
GND
LTBXF
LTBXF
LTBZV
LTBZV
LTBZW
LTBZW
LTC2909CTS8-2.5
LTC2909ITS8-2.5
LTC2909CTS8-3.3
LTC2909ITS8-3.3
LTC2909CTS8-5
LTC2909ITS8-5
ADJ1 1
ADJ2 2
REF 3
GND 4
8 SEL
7 TMR
6 VCC
5 RST
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
TJMAX = 125°C, θJA = 250°C/W
DDB PART*
MARKING
ORDER PART
NUMBER
TS8 PART*
MARKING
PACKAGE/ORDER I FOR ATIO
Order Options Tape and Reel: Add #TR Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com