Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2913
Description  Dual UV/OV Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2913 Datasheet HTML 4Page - Linear Technology LTC2913 Datasheet HTML 5Page - Linear Technology LTC2913 Datasheet HTML 6Page - Linear Technology LTC2913 Datasheet HTML 7Page - Linear Technology LTC2913 Datasheet HTML 8Page - Linear Technology LTC2913 Datasheet HTML 9Page - Linear Technology LTC2913 Datasheet HTML 10Page - Linear Technology LTC2913 Datasheet HTML 11Page - Linear Technology LTC2913 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LTC2913
10
2913fa
TYPICAL APPLICATIONS
APPLICATIONS INFORMATION
where RPD is the on-resistance of the internal pull-down
transistor, typically 50Ω at VCC > 1V and at room tem-
perature (25°C). CLOAD is the external load capacitance
on the pin. Assuming a 150pF load capacitance, the fall
time is 16.5ns.
The rise time on the UV and OV pins is limited by a 400k
pull-up resistance to VCC. A similar formula estimates the
output rise time (10% to 90%) at the UV and OV pins:
tRISE ≈ 2.2 • RPU • CLOAD
where RPU is the pull-up resistance.
OV Latch (LTC2913-1)
With the LATCH pin held low, the OV pin latches low when
an OV condition is detected. The latch is cleared by raising
the LATCH pin high. If an OV condition clears while LATCH
is held high, the latch is bypassed and the OV pin behaves
the same as the UV pin with a similar timeout period at the
output. If LATCH is pulled low while the timeout period is
active, the OV pin latches as before.
Disable (LTC2913-2)
The LTC2913-2 allows disabling the UV and OV outputs
via the DIS pin. Pulling DIS high will force both outputs
to remain weakly pulled high, regardless of any faults
that occur on the inputs. However, if a UVLO condition
occurs, UV asserts and pulls low, but the timeout function
is bypassed. UV pulls high as soon as the UVLO condition
is cleared.
DIS has a weak 2µA (typical) internal pull-down current
guaranteeing normal operation with the pin left open.
Dual UV/OV Supply Monitor, 10% Tolerance, 5V, 3.3V
RC2
27.4k
RB1
1k
RC1
44.2k
10
6
7
8
9
5
4
3
2
1
VH1
VL1
VH2
GND
TMR
SYSTEM
POWER
SUPPLIES
VL2
OV
UV
2913 TA02
LATCH
RA2
4.53k
CTMR
22nF TIMEOUT = 200ms
RB2
1k
RA1
4.53k
VCC
LTC2913-1
CBYP
0.1 F
5V
3.3V
RC2
44.2k
RB1
1k
RC1
115k
RZ
10k
10
6
7
8
9
5
4
3
2
1
VH1
VL1
VH2
GND
TMR
SYSTEM
POWER
SUPPLIES
VL2
OV
UV
2913 TA03
DIS
RA2
4.53k
RB2
1k
RA1
4.53k
VCC
LTC2913-2
CBYP
0.1 F
12V
5V
Supply Monitor Powered from 12V, 10% Tolerance, 12V, 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com