Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913IDD-2 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2913IDD-2
Description  Dual UV/OV Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913IDD-2 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2913IDD-2 Datasheet HTML 4Page - Linear Technology LTC2913IDD-2 Datasheet HTML 5Page - Linear Technology LTC2913IDD-2 Datasheet HTML 6Page - Linear Technology LTC2913IDD-2 Datasheet HTML 7Page - Linear Technology LTC2913IDD-2 Datasheet HTML 8Page - Linear Technology LTC2913IDD-2 Datasheet HTML 9Page - Linear Technology LTC2913IDD-2 Datasheet HTML 10Page - Linear Technology LTC2913IDD-2 Datasheet HTML 11Page - Linear Technology LTC2913IDD-2 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC2913
8
2913fa
APPLICATIONS INFORMATION
Power-Up/Power-Down
AssoonasVCCreaches1Vduringpower-up,theUVoutput
asserts low and the OV output weakly pulls to VCC.
The LTC2913 is guaranteed to assert UV low and OV high
under conditions of low VCC, down to VCC = 1V. Above
VCC = 2V (2.1V maximum), the VH and VL inputs take
control.
Once both VH inputs and VCC are valid, an internal timer
is started. After an adjustable delay time, UV weakly pulls
high.
Threshold Accuracy
Resetthresholdaccuracyisimportantinasupply-sensitive
system.Ideally,suchasystemresetsonlyifsupplyvoltages
fall outside the exact thresholds for a specified margin.
All LTC2913 inputs have a relative threshold accuracy of
±1.5% over the full operating temperature range.
For example, when the LTC2913 is programmed to moni-
tor a 5V input with a 10% tolerance, the desired UV trip
point is 4.5V. Because of the ±1.5% relative accuracy of
the LTC2913, the UV trip point is between 4.433V and
4.567V which is 4.5V ±1.5%.
Likewise, the accuracy of the resistances chosen for RA,
RB and RC can affect the UV and OV trip points as well.
Using the example just given, if the resistances used to
set the UV trip point have 1% accuracy, the UV trip range
is between 4.354V and 4.650V. This is illustrated in the
following calculations.
The UV trip point is given as:
V
V
R
R
R
UV
C
A
B
=
+
+


0 5 1
.
The two extreme conditions, with a relative accuracy of
1.5% and resistance accuracy of 1%, result in:
V
V
R
R
R
UV MIN
C
A
B
(
)
.
• .
•
• .
• .
=
+
+
(
)
0 5
0 985 1
0 99
1 01


=
+
+
(
and
V
V
R
R
R
UV MAX
C
A
B
(
)
.
• .
•
• .
0 5
1 015 1
1 01
))


• .
0 99
For a desired trip point of 4.55V,
RC
R
R
A
B
+
= 8
Therefore,
V
V
V
a
UV MIN
(
)
.
• .
•
.
.
.
=
+
 =
0 5
0 985 1 8 0 99
1 01
4 354
nnd
V
V
UV MAX
(
)
.
• .
•
.
.
.
=
+
 =
0 5
1 015 1 8 1 01
0 99
4 6500V
Glitch Immunity
In any supervisory application, noise riding on the moni-
tored DC voltage causes spurious resets. To solve this
problem without adding hysteresis, which causes a new
error term in the trip voltage, the LTC2913 lowpass filters
the output of the first stage comparator at each input. This
filter integrates the output of the comparator before as-
serting the UV or OV logic. A transient at the input of the
comparator of sufficient magnitude and duration triggers
the output logic. The Typical Performance Characteristics
show a graph of the Transient Duration vs. Comparator
Overdrive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com