Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3417 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3417
Description  Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3417 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3417 Datasheet HTML 9Page - Linear Technology LTC3417 Datasheet HTML 10Page - Linear Technology LTC3417 Datasheet HTML 11Page - Linear Technology LTC3417 Datasheet HTML 12Page - Linear Technology LTC3417 Datasheet HTML 13Page - Linear Technology LTC3417 Datasheet HTML 14Page - Linear Technology LTC3417 Datasheet HTML 15Page - Linear Technology LTC3417 Datasheet HTML 16Page - Linear Technology LTC3417 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LTC3417
3417fb
Soft-Start
Soft-start reduces surge currents from VIN by gradually
increasing the peak inductor current. Power supply se-
quencing can also be accomplished by controlling the ITH
pin. The LTC3417 has an internal digital soft-start for each
regulator output, which steps up a clamp on ITH over 1024
clock cycles, as can be seen in Figures 2 and 3. As the
voltage on ITH ramps through its operating range, the
internal peak current limit is also ramped at a proportional
linear rate.
Mode Selection
The MODE pin provides mode selection. Connecting this
pin to VIN enables Burst Mode operation for both regula-
tors, which provides the best low current efficiency at the
cost of a higher output voltage ripple. When MODE is
connected to ground, pulse skipping operation is selected
for both regulators, which provides the lowest output
voltage and current ripple at the cost of low current
efficiency. Applying a voltage that is more than 1V from
either supply results in forced continuous mode for both
regulators, which creates a fixed output ripple and allows
the sinking of some current (about 1/2
∆IL). Since the
switching noise is constant in this mode, it is also the
easiest to filter out. In many cases, the output voltage can
be simply connected to the MODE pin, selecting the forced
continuous mode except at start-up.
Checking Transient Response
The ITH pin compensation allows the transient response to
be optimized for a wide range of loads and output capaci-
tors. The availability of the ITH pin not only allows optimi-
zation of the control loop behavior, but also provides a DC
coupled and AC filtered closed-loop response test point.
The DC step, rise time, and settling at this test point truly
reflects the closed-loop response. Assuming a predomi-
nantly second order system, phase margin and/or damp-
ing factor can be estimated using the percentage of
overshoot seen at this pin. The bandwidth can also be
estimated using the percentage of overshoot seen at this
pin or by examining the rise time at this pin.
The ITH external components shown in the Figure 4 circuit
will provide an adequate starting point for most applica-
tions. The series RC filter sets the dominant pole-zero loop
compensation. The values can be modified slightly (from
0.5 to 2 times their suggested values) to optimize transient
response once the final PC layout is done and the particu-
lar output capacitor type and value have been determined.
The output capacitors need to be selected because of
various types and values determine the loop feedback
factor gain and phase. An output current pulse of 20% to
100% of full load current having a rise time of 1
µs to 10µs
will produce output voltage and ITH pin waveforms that will
give a sense of overall loop stability without breaking the
feedback loop.
Switching regulators take several cycles to respond to a
step in load current. When a load step occurs, VOUT
immediately shifts by an amount equal to
∆ILOAD•ESRCOUT,
where ESRCOUT is the effective series resistance of COUT.
∆ILOAD also begins to charge or discharge COUT generat-
ing a feedback error signal used by the regulator to return
VOUT to its steady-state value. During this recovery time,
APPLICATIO S I FOR ATIO
Figure 2. Digital Soft-Start Out1
Figure 3. Digital Soft-Start Out2
VIN = 3.6V
VOUT = 1.8V
RL = 0.9Ω
200
µs/DIV
IL
1A/DIV
VOUT
1V/DIV
VRUN
2V/DIV
VIN = 3.6V
VOUT = 2.5V
RL = 2Ω
200
µs/DIV
IL
0.5A/DIV
VOUT
1V/DIV
VRUN
2V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com