Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3419 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3419
Description  Dual Monolithic 600mA Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3419 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3419 Datasheet HTML 8Page - Linear Technology LTC3419 Datasheet HTML 9Page - Linear Technology LTC3419 Datasheet HTML 10Page - Linear Technology LTC3419 Datasheet HTML 11Page - Linear Technology LTC3419 Datasheet HTML 12Page - Linear Technology LTC3419 Datasheet HTML 13Page - Linear Technology LTC3419 Datasheet HTML 14Page - Linear Technology LTC3419 Datasheet HTML 15Page - Linear Technology LTC3419 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3419
13
3419f
APPLICATIONS INFORMATION
Figure 2. LTC3419 Layout Diagram (See Board Layout Checklist)
Figure 3. LTC3419 Suggested Layout
VIN
RUN2
RUN1
LTC3419
VFB2
SW2
SW1
VFB1
CF2
CF1
GND
VIN
2.5V TO 5.5V
VOUT2
VOUT1
3419 F02
R3
R1
R4
L2
L1
R2
COUT2
C1
COUT1
BOLD LINES INDICATE HIGH CURRENT PATHS
MODE
L1
3419 F03
L2
CIN
COUT1
COUT2
VOUT2
VOUT1
GND
R2
R1
R3
R4
CF1
CF2
VFB1
RUN1
MODE
SW1
VFB2
RUN2
SW2
VIN
VIA TO GND
VIA TO VIN
Design Example
As a design example, consider using the LTC3419 in a
portable application with a Li-Ion battery. The battery
provides a VIN ranging from 2.8V to 4.2V. The load on
each channel requires a maximum of 600mA in active
mode and 2mA in standby mode. The output voltages are
VOUT1 = 2.5V and VOUT2 = 1.8V.
Start with channel 1. First, calculate the inductor value
for about 40% ripple current (240mA in this example) at
maximum VIN. Using a derivation of Equation 1:
L
V
MHz
mA
V
V
1
25
2 25
240
1
25
42
18
=−
⎛
⎝⎜
⎞
⎠⎟
=
.
.• (
)
•
.
.
.7
7
μH
For the inductor, use the closest standard value of
2.2μH.
A 10μF ceramic capacitor should be more than sufficient
for this output capacitor. As for the input capacitor, a
typical value of CIN = 10μF should suffice, as the source
impedance of a Li-Ion battery is very low.
The feedback resistors program the output voltage. To
maintain high efficiency at light loads, the current in these
resistors should be kept small. Choosing 10μA with the
0.6V feedback voltage makes R1~60k. A close standard
1% resistor is 59k. Using Equation 2.
R
V
Rk
OUT
2
06
1
1 187
=−
⎛
⎝⎜
⎞
⎠⎟
=
.
•
An optional 22pF feedback capacitor (CF1) may be used
to improve transient response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com