Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3718EG Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3718EG
Description  Low Input Voltage DC/DC Controller for DDR/QDR Memory Termination
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3718EG Datasheet(HTML) 2 Page - Linear Technology

  LTC3718EG Datasheet HTML 1Page - Linear Technology LTC3718EG Datasheet HTML 2Page - Linear Technology LTC3718EG Datasheet HTML 3Page - Linear Technology LTC3718EG Datasheet HTML 4Page - Linear Technology LTC3718EG Datasheet HTML 5Page - Linear Technology LTC3718EG Datasheet HTML 6Page - Linear Technology LTC3718EG Datasheet HTML 7Page - Linear Technology LTC3718EG Datasheet HTML 8Page - Linear Technology LTC3718EG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC3718
3718fa
(Note 1)
Input Supply Voltage (VIN2) .......................10V to –0.3V
Boosted Topside Driver Supply Voltage
(BOOST) ............................................... 42V to – 0.3V
VIN1, ION, SW1 Voltage ............................. 36V to –0.3V
RUN/SS, PGOOD Voltages ......................... 7V to – 0.3V
VON, VREF, VRNG Voltages .......(INTVCC + 0.3V) to –0.3V
ITH, VFB1 Voltages .................................... 2.7V to –0.3V
SW2 Voltage ............................................. 36V to – 0.4V
VFB2 Voltage ................................................. VIN2 + 0.3V
SHDN Voltage ......................................................... 10V
TG, BG, INTVCC Peak Currents.................................. 2A
TG, BG, INTVCC RMS Currents ............................ 50mA
Operating Ambient Temperature
Range (Note 4) ................................... – 40
°C to 85°C
Junction Temperature (Note 2) ............................ 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
LTC3718EG
TJMAX = 125°C, θJA = 130°C/ W
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VIN1 = 15V, VIN2 = 1.5V unless otherwise noted.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
G PACKAGE
24-LEAD PLASTIC SSOP
24
23
22
21
20
19
18
17
16
15
14
13
RUN/SS
VON
PGOOD
VRNG
ITH
SGND1
ION
VFB1
VREF
SHDN
SGND2
VFB2
BOOST
TG
SW1
SENSE+
SENSE–
PGND1
BG
INTVCC
VIN1
VIN2
PGND2
SW2
Consult LTC Marketing for parts specified with wider operating temperature ranges.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Buck Regulator
IQ(VIN1)
Input DC Supply Current (VIN1)
Normal
1000
2000
µA
Shutdown Supply Current
VRUN/SS = 0V
15
30
µA
VFB1
Feedback Voltage Accuracy
ITH = 1.2V (Note 3)
q
– 0.65
0.1
0.65
%
∆VFB1(LINE)
Feedback Voltage Line Regulation
VIN1 = 4V to 36V, ITH = 1.2V (Note 3)
0.002
%/V
∆VFB1(LOAD)
Feedback Voltage Load Regulation
ITH = 0.5V to 1.9V (Note 3)
q
– 0.05
– 0.3
%
gm(EA)
Error Amplifier Transconductance
ITH = 1.2V (Note 3)
0.93
1.13
1.33
mS
tON
On-Time
ION = 60µA, VON = 1.5V
200
250
300
ns
ION = 30µA, VON = 1.5V
400
500
600
ns
tON(MIN)
Minimum On-Time
ION = 180µA
50
100
ns
tOFF(MIN)
Minimum Off-Time
300
400
ns
VSENSE(MAX)
Maximum Current Sense Threshold
VRNG = 1V, VFB1 = VREF/2 – 50mV
q
108
135
162
mV
VPGND – VSW1 (Source)
VRNG = 0V, VFB1 = VREF/2 – 50mV
q
76
95
114
mV
VRNG = INTVCC, VFB1 = VREF/2 – 50mV
q
148
185
222
mV
VSENSE(MIN)
Minimum Current Sense Threshold
VRNG = 1V, VFB1 = VREF/2 + 50mV
–140
–165
–190
mV
VPGND – VSW1 (Sink)
VRNG = 0V, VFB1 = VREF/2 + 50mV
–97
–115
–133
mV
VRNG = INTVCC, VFB1 = VREF/2 + 50mV
– 200
– 235
– 270
mV
∆VFB1(OV)
Output Overvoltage Fault Threshold
8
10
12
%
∆VFB1(UV)
Output Undervoltage Fault Threshold
– 25
%
VRUN/SS(ON)
RUN Pin Start Threshold
q
0.8
1.5
2
V
VRUN/SS(LE)
RUN Pin Latchoff Enable
RUN/SS Pin Rising
4
4.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com