Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3822-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3822-1
Description  No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3822-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC3822-1 Datasheet HTML 1Page - Linear Technology LTC3822-1 Datasheet HTML 2Page - Linear Technology LTC3822-1 Datasheet HTML 3Page - Linear Technology LTC3822-1 Datasheet HTML 4Page - Linear Technology LTC3822-1 Datasheet HTML 5Page - Linear Technology LTC3822-1 Datasheet HTML 6Page - Linear Technology LTC3822-1 Datasheet HTML 7Page - Linear Technology LTC3822-1 Datasheet HTML 8Page - Linear Technology LTC3822-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC3822-1
2
38221f
PACKAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (VIN)........................ –0.3V to 4.5V
BOOST Voltage .......................................... –0.3V to 10V
PLLLPF, RUN, IPRG, SYNC/MODE,
TRACK/SS Voltages .......................–0.3V to (VIN + 0.3V)
VFB, ITH Voltages....................................... –0.3V to 2.4V
SW Voltage ............................................ –2V to VIN + 1V
Operating Temperature Range (Note 2) ... –40°C to 85°C
(Note 1)
TOP VIEW
13
DD PACKAGE
12-LEAD (3mm
× 3mm) PLASTIC DFN
12
11
8
9
10
4
5
3
2
1
SW
VIN
BOOST
TG
BG
IPRG
PLLLPF
SYNC/MODE
TRACK/SS
VFB
ITH
RUN
6
7
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
GND
PLLLPF
SYNC/MODE
PGOOD
TRACK/SS
VFB
ITH
RUN
SW
SENSE–
VIN
BOOST
TG
BG
IPRG
GND
TJMAX = 125°C, θJA = 110°C/W
ORDER PART NUMBER
DD PART MARKING
ORDER PART NUMBER
GN PART MARKING
LTC3822EDD-1
LCMS
LTC3822EGN-1
38221
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V unless otherwise noted.
Storage Ambient Temperature Range
DD ..................................................... –65°C to 125°C
GN ..................................................... –65°C to 150°C
Junction Temperature (Note 3) ............................. 125°C
Lead Temperature (Soldering, 10 sec)
GN Only ............................................................ 300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loops
VIN
Operating Voltage Range
2.75
3.3
4.5
V
Input DC Supply Current
Normal Operation
Sleep Mode
Shutdown
UVLO
(Note 4)
RUN = 0
VIN = UVLO Threshold – 200mV
360
105
7.5
10
525
150
20
20
µA
µA
µA
Undervoltage Lockout Threshold
VIN Falling
VIN Rising
●
●
1.95
2.15
2.25
2.45
2.55
2.75
V
V
Shutdown Threshold Of RUN Pin
0.7
1.1
1.4
V
Regulated Feedback Voltage
(Note 5)
●
0.594
0.6
0.606
V
Output Voltage Line Regulation
2.75V < VIN < 4.5V (Note 5)
0.025
0.1
%/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com