Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4214-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4214-1
Description  Negative Low Voltage Hot Swap Controllers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4214-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC4214-1 Datasheet HTML 1Page - Linear Technology LTC4214-1 Datasheet HTML 2Page - Linear Technology LTC4214-1 Datasheet HTML 3Page - Linear Technology LTC4214-1 Datasheet HTML 4Page - Linear Technology LTC4214-1 Datasheet HTML 5Page - Linear Technology LTC4214-1 Datasheet HTML 6Page - Linear Technology LTC4214-1 Datasheet HTML 7Page - Linear Technology LTC4214-1 Datasheet HTML 8Page - Linear Technology LTC4214-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC4214-1/LTC4214-2
2
421412f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Supply Voltage
q
616
V
IIN
VIN Supply Current
UV = OV = 2.5V
q
0.8
2
mA
VLKO
VIN Undervoltage Lockout
Coming Out of UVLO (Rising VIN)
q
5.1
5.6
V
VLKH
VIN Undervoltage Lockout Hysteresis
0.3
V
VCB
Circuit Breaker Current Limit Voltage
VCB = (VSENSE – VEE)
q
44
50
56
mV
VACL
Analog Current Limit Voltage
VACL = (VSENSE – VEE), SS = Open
q
60
70
80
mV
VFCL
Fast Current Limit Voltage
VFCL = (VSENSE – VEE)
q
150
200
300
mV
VSS
SS Voltage
After End of SS Timing Cycle
1.6
V
RSS
SS Output Impedance
73
k
Ω
ISS
SS Pin Current
UV = OV = 2.5V, VSENSE = VEE, VSS = 0V (Sourcing)
–22
µA
UV = OV = 0V, VSENSE = VEE, VSS = 1V (Sinking)
14
mA
VOS
Analog Current Limit Offset Voltage
10
mV
VACL+VOS Ratio (VACL + VOS) to SS Voltage
0.05
V/V
VSS
IGATE
GATE Pin Output Current
VSENSE = VEE, VGATE = 0V (Sourcing)
q
–30
–50
–70
µA
VSENSE – VEE = 0.15V, VGATE = 3V (Sinking)
17
mA
VSENSE – VEE = 0.3V, VGATE = 1V (Sinking)
190
mA
VGATE
External MOSFET Gate Drive
VGATE – VEE
q
10
11
12
V
VGATEH
Gate High Threshold
VGATEH = VIN – VGATE for PWRGD Status
2.8
V
VGATEL
Gate Low Threshold
(Before Gate Ramp-Up)
0.5
V
VUVHI
UV Pin Threshold
UV Rising
q
2.137
2.25
2.363
V
VUVHST
UV Pin Hysteresis
q
0.22
0.25
0.28
V
VOVHI
OV Pin Threshold
OV Rising
q
2.85
3
3.15
V
VOVHST
OV Pin Hysteresis
q
0.12
0.15
0.18
V
VIN ............................................................ – 0.3V to 17V
Input/Output Pins
(Except SENSE and DRAIN) Voltage ..........– 0.3V to 17V
SENSE Pin Voltage ................................... – 0.6V to 17V
Current Out of SENSE Pin (20
µs Pulse)........... –200mA
DRAIN Pin Minimum Voltage .............................. – 0.3V
Current into DRAIN Pin (100
µs Pulse) ................... 5mA
Maximum Junction Temperature .......................... 125
°C
Operating Temperature Range
LTC4214-1C/LTC4214-2C ....................... 0
°C to 70°C
LTC4214-1I/LTC4214-2I ................... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
MS PART MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTABH
LTABK
LTABJ
LTABL
LTC4214-1CMS
LTC4214-2CMS
LTC4214-1IMS
LTC4214-2IMS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
All Voltages Referred to VEE (Note 1)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, UV = OV = 2.5V unless otherwise noted. (Note 2)
TJMAX = 125°C, θJA = 160°C/W
1
2
3
4
5
VIN
PWRGD
SS
SENSE
VEE
10
9
8
7
6
TIMER
UV
OV
DRAIN
GATE
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com