Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4215 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4215
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4215 Datasheet HTML 9Page - Linear Technology LTC4215 Datasheet HTML 10Page - Linear Technology LTC4215 Datasheet HTML 11Page - Linear Technology LTC4215 Datasheet HTML 12Page - Linear Technology LTC4215 Datasheet HTML 13Page - Linear Technology LTC4215 Datasheet HTML 14Page - Linear Technology LTC4215 Datasheet HTML 15Page - Linear Technology LTC4215 Datasheet HTML 16Page - Linear Technology LTC4215 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC4215
13
4215fb
APPLICATIO S I FOR ATIO
An overcurrent fault occurs when the circuit breaker 25mV
threshold has been exceeded for longer than the 20µs time-
out delay. Current limiting begins immediately when the cur-
rent sense voltage between the VDDandSENSEpinsreaches
75mV. The GATE pin is then brought down and regulated in
order to limit the current sense voltage to 75mV. When the
20µs circuit breaker time out has expired, the overcurrent
present bit C2 is set. The external MOSFET is turned off and
the overcurrent fault bit D2 is set at this time.
After the MOSFET is turned off, the TIMER capacitor
begins discharging with a 2µA pulldown current. When
the TIMER pin reaches its 0.2V threshold the MOSFET is
allowed to turn on again if the overcurrent fault has been
cleared. However, if the overcurrent auto-retry bit, A2 has
been set then the MOSFET turns on again automatically
without resetting the overcurrent fault. Use a minimum
value of 10nF for CT. If the TIMER pin is bypassed by tying
it to INTVCC, the part is allowed to turn on again after an
internal 5 second timer has expired, in the same manner
as the TIMER pin passing its 0.2V threshold.
Undervoltage Fault
An undervoltage fault occurs when the UV pin falls below
its 1.235V threshold for more than 2µs. This turns off the
GATE with a 1mA current to ground and sets undervoltage
present bit C1 and undervoltage fault bit D1. If the UV pin
subsequently rises above the threshold for 100ms, the
GATE is turned on again unless undervoltage auto-retry
has been disabled by clearing bit A1. When power is ap-
plied to the device, if UV is below its 1.235V threshold after
INTVCC crosses its 2.64V undervoltage lockout threshold,
an undervoltage fault is logged in the fault register.
Board Present Change of State
Whenever the
⎯E⎯N pin toggles, bit D4 is set to indicate a
change of state. When the
⎯E⎯N pin goes high, indicating
board removal, the GATE turns off immediately (with a 1mA
current to ground) and clears the board present bit, C4. If
the
⎯E⎯N pin is pulled low, indicating a board insertion, all
fault bits except D4 are cleared and enable bit, C4, is set.
If the
⎯E⎯N pin remains low for 100ms the state of the ON
pin is captured in ‘FET On’ control bit A3. This turns the
switch on if the ON pin is tied high. There is an internal
10µA pull-up current source on the
⎯E⎯N pin.
If the system shuts down due to a fault, it may be desirable
to restart the system simply by removing and reinserting
a load card. In cases where the LTC4215 and the switch
reside on a backplane or midplane and the load resides on
a plug-in card, the
⎯E⎯N pin detects when the plug-in card is
removed. Figure 4 shows an example where the
⎯E⎯N pin is
used to detect insertion. Once the plug-in card is reinserted
the fault register is cleared (except for D4). After 100ms
the state of the ON pin is latched into bit A3 of the control
register. At this point the system starts up again.
If a connection sense on the plug-in card is driving the
⎯E⎯N
pin, insertion or removal of the card may cause the pin
voltage to bounce. This results in clearing the fault register
when the card is removed. The pin may be debounced
using a filter capacitor, CEN, on the ⎯E⎯N pin as shown in
Figure 4. The filter time is given by:
tFILTER = CEN • 123 (ms/µF)
Figure 3. Short-Circuit Waveforms
VGATE
10V/DIV
VSOURCE
10V/DIV
VDD
10V/DIV
ILOAD
10A/DIV
5
µs/DIV
4215 F03
RS = 5mΩ
CL = 0
RSHORT = 1Ω
R6 = 30k
C1 = 0.1
µF
Overvoltage Fault
An overvoltage fault occurs when either the OV pin rises
above its 1.235V threshold, or the VDD pin rises above its
15.6V threshold, for more than 2µs. This shuts off the GATE
with a 1mA current to ground and sets the overvoltage
present bit C0 and the overvoltage fault bit D0. If the pin
subsequently falls back below the threshold for 100ms,
the GATE is allowed to turn on again unless overvoltage
auto-retry has been disabled by clearing bit A0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com