Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4416-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4416-1
Description  36V, Low Loss Dual PowerPath Controllers for Large PFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4416-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC4416-1 Datasheet HTML 1Page - Linear Technology LTC4416-1 Datasheet HTML 2Page - Linear Technology LTC4416-1 Datasheet HTML 3Page - Linear Technology LTC4416-1 Datasheet HTML 4Page - Linear Technology LTC4416-1 Datasheet HTML 5Page - Linear Technology LTC4416-1 Datasheet HTML 6Page - Linear Technology LTC4416-1 Datasheet HTML 7Page - Linear Technology LTC4416-1 Datasheet HTML 8Page - Linear Technology LTC4416-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC4416/LTC4416-1

4416fa
Supply Voltage (V1, V2).............................. –14V to 40V
Voltage from V1 or V2 to VS ....................... –40V to 40V
Input Voltage
E1, E2 .................................................... –0.3V to 40V
VS ........................................................... –14V to 40V
Output Voltage
G1....... –0.3V to the Higher of V1 + 0.3V or VS + 0.3V
G2....... –0.3V to the Higher of V2 + 0.3V or VS + 0.3V
H1, H2 ..................................................... –0.3V to 7V
Operating Ambient Temperature Range (Note 2)
LTC4416E ............................................ –40°C to 85°C
LTC4416I ........................................... –40°C to 125°C
Operating Junction
Temperature Range................................ –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V1 = V2 = 12V, E1 = 2V, E2 = GND, GND = 0V. Current into a pin is
positive and current out of a pin is negative. All voltages are referenced to GND, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VV1, VV2,
VVS
Operating Supply Range
V1, V2 and/or VS Must be in This Range for Proper
Operation
●
3.6
36
V
IQFL
Quiescent Supply Current at Low Supply
While in Forward Regulation
VV1 = 3.6V, VV2 = 3.6V. Measure Combined Current
at V1, V2 and VS Pins Averaged with VVS = 3.560V
and VVS = 3.6V (Note 3)
●
70
µA
IQFH
Quiescent Supply Current at High Supply
While in Forward Regulation
VV1 = 36V, VV2 = 36V. Measure Combined Current
at V1, V2 and VS Pins Averaged with VVS = 35.960V
and VVS = 36V (Note 3)
●
130
µA
IQRL
Quiescent Supply Current at Low Supply
While in Reverse Turn-Off
VV1 = 3.6V, VV2 = 3.6V. Measure Combined Current
at V1, V2 and VS Pins with VVS = 3.7V
●
70
µA
IQRH
Quiescent Supply Current at High Supply
While in Reverse Turn-Off
VV1 = 35.9V, VV2 = 35.9V. Measure Combined
Current at V1, V2 and VS Pins with VVS = 36V
●
130
µA
IQCL
Quiescent Supply Current at Low Supply
with E1 and E2 Active
VV1 = 3.6V, VV2 = 3.6V, VV1 – VVS = 0.9V,
VE1 = 0V, VE2 = 2V, V1 and V2 Measured Separately
●
30
µA
IQCH
Quiescent Supply Current at High Supply
with E1 and E2 Active
VV1 = 36V, VV2 = 36V, VV1 – VVS = 0.9V,
VE1 = 0V, VE2 = 2V, V1 and V2 Measured Separately
●
65
µA
ILEAK
V1, V2 and VS Pin Leakage Currents
When Other Pin Supplies Power (Note 4)
VV1 = VV2 = 28V, VVS = 0V. Measure IVS
–10
–1
1
µA
VV1 = VV2 = 14V, VVS = –14V. Measure IVS
–10
–1
1
µA
VV1 = VV2 = 36V, VVS = 8V. Measure IVS
–10
–1
1
µA
PowerPath Controller
VFR
PowerPath Switch Forward Regulation
Voltage
VV1, VV2 – VVS, 3.6V ≤ VV1, VV2 ≤ 36V,
CG1 = CG2 = 3nF
●
10
40
mV
VRTO
PowerPath Switch Reverse Turn-Off
Threshold Voltage
VV1, VV2 – VVS, 3.6V ≤ VV1, VV2 ≤ 36V,
CG1 = CG2 = 3nF
●
–40
–10
mV
VFO
PowerPath Switch Forward Fast-On
Voltage Comparator Threshold
VV1, VV2 – VVS, 6V ≤ VV1, VV2 ≤ 36V,
CG1 = CG2 = 3nF, IG1, IG2 > 500µA
●
50
125
mV
ELECTRICAL CHARACTERISTICS
ABSOLUTE AXI U RATI GS
PACKAGE/ORDER I FOR ATIO
1
2
3
4
5
H1
E1
GND
E2
H2
10
9
8
7
6
G1
V1
VS
V2
G2
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 130°C, θJA = 120°C/W
ORDER PART NUMBER
MS PART MARKING*
LTC4416EMS
LTC4416IMS
LTC4416EMS-1
LTC4416IMS-1
LTCFC
LTCFC
LTCPS
LTCPS
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*The temperature grade is identified by a label on the shipping container.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com