Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS19480 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # ATS19480
Description  arge Air Gap, GMR Transmission Speed Sensor IC for Gear Tooth Sensing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS19480 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button ATS19480 Datasheet HTML 6Page - Allegro MicroSystems ATS19480 Datasheet HTML 7Page - Allegro MicroSystems ATS19480 Datasheet HTML 8Page - Allegro MicroSystems ATS19480 Datasheet HTML 9Page - Allegro MicroSystems ATS19480 Datasheet HTML 10Page - Allegro MicroSystems ATS19480 Datasheet HTML 11Page - Allegro MicroSystems ATS19480 Datasheet HTML 12Page - Allegro MicroSystems ATS19480 Datasheet HTML 13Page - Allegro MicroSystems ATS19480 Datasheet HTML 14Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Large Air Gap, GMR Transmission
Speed Sensor IC for Gear Tooth Sensing
ATS19480
13
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
PACKAGE OUTLINE DRAWING
For Reference Only –Not for Tooling Use
(Reference DWG-9206, Rev.2)
Dimensions in millimeters – NOT TO SCALE
Dimensions exclusive of mold flash, gate burs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
Dambar removal protrusion (12×)
Tie bars (8×)
Molded lead bar for preventing damage to leads during shipment
GMR elements (F1, F2, F3); not to scale
Active Area Depth, 0.60 mm
Branding scale and appearance at supplier discretion
A
B
C
D
E
F
Notes:
0.90 REF
2
3
1
G
2 × 7°
2 × 10°
45°
45°
A
Branded
Face
3.03 ±0.10
2.54 ±0.10
5.80 REF
1.10 REF
5.78 ±0.10
7.65 ±0.10
15.58 ±0.10
23.36 REF
19.24 REF
1.60 ±0.10
5.00 ±0.10
1.15 ±0.05
E
C
7.00 ±0.10
2 × 1.00 ±0.10
0.25 ±0.05
2.00 ±0.10
0.90 REF
9.20 REF
0.60 REF
0.30 REF
2.73 REF
0.49 REF
1.18 REF
4 × Ø1.00 REF
Ejector Pin
Ø2.00 REF
Ejector Pin
F
Gate location
G
B
B
0.51 REF
2.755
1.07
1.07
F1
F3 F
F
F2 F
2.89 F
Lines 1, 2, 3, 4: Up to 10 characters, centered
Line 1: Logo A
Line 2: Characters 5, 6, 7, 8, 9, 10, 11 of
Assembly Lot Number
Line 3: Part Number:
3 character prefix (ATS),
5 digit part number (19480),
0-2 character part variant (XX).
Example: ATS19480B
Line 4: 4 digit Date Code
Standard Branding Reference View
Lot Number
ATS19480XX
Date Code
D
2
3
1
Figure 6: Package SN, 3-Pin SIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com