Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVTH574DBRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74LVTH574DBRG4
Description  3.3V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP FLOPS WITH 3 STATE OUTPUTS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVTH574DBRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVTH574DBRG4 Datasheet HTML 7Page - Texas Instruments SN74LVTH574DBRG4 Datasheet HTML 8Page - Texas Instruments SN74LVTH574DBRG4 Datasheet HTML 9Page - Texas Instruments SN74LVTH574DBRG4 Datasheet HTML 10Page - Texas Instruments SN74LVTH574DBRG4 Datasheet HTML 11Page - Texas Instruments SN74LVTH574DBRG4 Datasheet HTML 12Page - Texas Instruments SN74LVTH574DBRG4 Datasheet HTML 13Page - Texas Instruments SN74LVTH574DBRG4 Datasheet HTML 14Page - Texas Instruments SN74LVTH574DBRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Device
Package Pins
Site
Reel
Diameter
(mm)
Reel
Width
(mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LVTH574DBR
DB
20
MLA
330
16
8.2
7.5
2.5
12
16
Q1
SN74LVTH574DWR
DW
20
MLA
330
24
10.8
13.0
2.7
12
24
Q1
SN74LVTH574GQNR
GQN
20
HIJ
330
12
3.3
4.3
1.5
8
12
Q1
SN74LVTH574GQNR
GQN
20
TAI
330
12
3.3
4.3
1.6
8
12
Q1
SN74LVTH574NSR
NS
20
MLA
330
24
8.2
13.0
2.5
12
24
Q1
SN74LVTH574PWR
PW
20
MLA
330
16
6.95
7.1
1.6
8
16
Q1
SN74LVTH574RGYR
RGY
20
MLA
180
12
3.8
4.8
1.6
8
12
Q1
SN74LVTH574ZQNR
ZQN
20
HIJ
330
12
3.3
4.3
1.5
8
12
Q1
SN74LVTH574ZQNR
ZQN
20
TAI
330
12
3.3
4.3
1.6
8
12
Q1
TAPE AND REEL BOX INFORMATION
Device
Package
Pins
Site
Length (mm)
Width (mm)
Height (mm)
SN74LVTH574DBR
DB
20
MLA
342.9
336.6
28.58
SN74LVTH574DWR
DW
20
MLA
333.2
333.2
31.75
SN74LVTH574GQNR
GQN
20
HIJ
346.0
346.0
29.0
SN74LVTH574GQNR
GQN
20
TAI
338.1
340.5
20.64
SN74LVTH574NSR
NS
20
MLA
333.2
333.2
31.75
SN74LVTH574PWR
PW
20
MLA
342.9
336.6
28.58
SN74LVTH574RGYR
RGY
20
MLA
190.0
212.7
31.75
SN74LVTH574ZQNR
ZQN
20
HIJ
346.0
346.0
29.0
SN74LVTH574ZQNR
ZQN
20
TAI
338.1
340.5
20.64
PACKAGE MATERIALS INFORMATION
www.ti.com
19-May-2007
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com