Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT40N60B2CFG Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APT40N60B2CFG
Description  Super Junction FREDFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT40N60B2CFG Datasheet(HTML) 1 Page - Microsemi Corporation

  APT40N60B2CFG Datasheet HTML 1Page - Microsemi Corporation APT40N60B2CFG Datasheet HTML 2Page - Microsemi Corporation APT40N60B2CFG Datasheet HTML 3Page - Microsemi Corporation APT40N60B2CFG Datasheet HTML 4Page - Microsemi Corporation APT40N60B2CFG Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FINAL DATA SHEET WITH MOS 7 FORMAT
600V 40A 0.110Ω
APT40N60B2CF
APT40N60LCF
APT40N60B2CFG* APT40N60LCFG*
*G Denotes RoHS Compliant, Pb Free Terminal Finish.
MAXIMUM RATINGS
All Ratings: T
C = 25°C unless otherwise specified.
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
Characteristic / Test Conditions
Drain-Source Breakdown Voltage (V
GS = 0V, ID = 500µA)
Drain-Source On-State Resistance 2 (V
GS = 10V, ID = 20A)
Zero Gate Voltage Drain Current (V
DS = 600V, VGS = 0V)
Zero Gate Voltage Drain Current (V
DS = 600V, VGS = 0V, TC = 150°C)
Gate-Source Leakage Current (V
GS = ±20V, VDS = 0V)
Gate Threshold Voltage (V
DS = VGS, ID = 2mA)
Symbol
V
DSS
I
D
I
DM
V
GS
P
D
T
J,TSTG
T
L
dv/dt
I
AR
E
AR
E
AS
Parameter
Drain-Source Voltage
Continuous Drain Current @ T
C = 25°C
Continuous Drain Current @ T
C = 100°C
Pulsed Drain Current 1
Gate-Source Voltage Continuous
Total Power Dissipation @ T
C = 25°C
Linear Derating Factor
Operating and Storage Junction Temperature Range
Lead Temperature: 0.063" from Case for 10 Sec.
Drain-Source Voltage slope (VDS = 480V, ID = 40A, TJ = 125°C)
Avalanche Current 7
Repetitive Avalanche Energy 7
Single Pulse Avalanche Energy 4
UNIT
Volts
Amps
Volts
Watts
W/°C
°C
V/ns
Amps
mJ
STATIC ELECTRICAL CHARACTERISTICS
Symbol
BV
DSS
R
DS(on)
I
DSS
I
GSS
V
GS(th)
UNIT
Volts
Ohms
µA
nA
Volts
APT40N60B2CF(G)_LCF(G)
600
40
26
80
±30
417
3.33
-55 to 150
260
80
20
1
690
• Ultra Low RDS(ON)
• Intrinsic Fast-Recovery Body Diode
• Low Miller Capacitance
• Extreme Low Reverse Recovery Charge
• Ultra Low Gate Charge, Qg
• Ideal For ZVS Applications
• Avalanche Energy Rated
• Popular T-MAX™ or TO-264 Package
• Extreme dv/dt Rated
Super Junction FREDFET
MIN
TYP
MAX
600
0.110
4.2
3400
±100
3
4
5
C
Power Semiconductors
O
O LMOS
G
D
S
"COOLMOS™ comprise a new family of transistors developed by Infineon Technologies AG. "COOLMOS" is a trade-
mark of Infineon Technologies AG."
T-MaxTM
TO-264
Unless stated otherwise, Microsemi discrete FREDFETs contain a single FREDFET die. This device is made with two
parallel FREDFET die. It is intended for switch-mode operation. It is not suitable for linear mode operation.
Microsemi Website - http://www.microsemi.com


Similar Part No. - APT40N60B2CFG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT40N60B2CFG ADPOW-APT40N60B2CFG Datasheet
191Kb / 5P
Super Junction FREDFET
More results

Similar Description - APT40N60B2CFG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT20N60BC3 ADPOW-APT20N60BC3 Datasheet
200Kb / 5P
Super Junction MOSFET
APT20N60BCF ADPOW-APT20N60BCF Datasheet
190Kb / 5P
Super Junction FREDFET
APT40N60B2CF ADPOW-APT40N60B2CF Datasheet
191Kb / 5P
Super Junction FREDFET
APT47N60BCF ADPOW-APT47N60BCF Datasheet
402Kb / 5P
Super Junction FREDFET
APT60N60BCS ADPOW-APT60N60BCS Datasheet
401Kb / 5P
Super Junction MOSFET
logo
Microsemi Corporation
APT34N80B2C3 MICROSEMI-APT34N80B2C3 Datasheet
256Kb / 5P
Super Junction MOSFET
APT94N60L2C3 MICROSEMI-APT94N60L2C3 Datasheet
249Kb / 5P
Super Junction MOSFET
APT77N60BC6 MICROSEMI-APT77N60BC6 Datasheet
150Kb / 5P
Super Junction MOSFET
APT77N60JC3 MICROSEMI-APT77N60JC3_09 Datasheet
185Kb / 5P
Super Junction MOSFET
APT47N60BC3G MICROSEMI-APT47N60BC3G Datasheet
218Kb / 5P
Super Junction MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com