Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF005S Datasheet(PDF) 3 Page - ON Semiconductor

Part # DF005S
Description  Bridge Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DF005S Datasheet(HTML) 3 Page - ON Semiconductor

  DF005S Datasheet HTML 1Page - ON Semiconductor DF005S Datasheet HTML 2Page - ON Semiconductor DF005S Datasheet HTML 3Page - ON Semiconductor DF005S Datasheet HTML 4Page - ON Semiconductor DF005S Datasheet HTML 5Page - ON Semiconductor DF005S Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DF005S − DF10S
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 3. Non−Repetitive Surge Current
Figure 4. Forward Current Derating Curve
1
2
5
10
20
50
100
0
10
20
30
40
50
20
0
1
1.5
Ambient Temperature [5C]
Number of Cycles at 60 Hz
Based on RqJA, per Leg
0.5
40
60
80
100
120
140
160
Forward Voltage Drop, VF [V]
10
1
0.1
0.01
0.2 0.3
0.4 0.5
0.6 0.7
0.8 0.9
1.0 1.1 1.2
Figure 5. Forward Voltage Characteristics
Reverse Voltage Drop, VR [V]
TJ=−55°C
TJ=25°C
TJ=125°C
TJ=150°C
0.001
0.1
1
10
100
0.01
200
300
400
500
600
700
800
900 1000
Figure 6. Reverse Current vs. Reverse Voltage
TJ = 150°C
TJ = 125°C
TJ = 25°C
TJ=−55°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com