Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1F Datasheet(PDF) 2 Page - ON Semiconductor

Part # ES1F
Description  Fast Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ES1F Datasheet(HTML) 2 Page - ON Semiconductor

  ES1F Datasheet HTML 1Page - ON Semiconductor ES1F Datasheet HTML 2Page - ON Semiconductor ES1F Datasheet HTML 3Page - ON Semiconductor ES1F Datasheet HTML 4Page - ON Semiconductor ES1F Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 2007
August, 2024 − Rev. 3
1
Publication Order Number:
ES1J/D
Fast Rectifiers
ES1F-ES1J
Features
• For Surface Mount Applications
• Glass Passivated Junction
• Low Profile Package
• Easy Pick and Place
• Built-in Strain Relief
• Superfast Recovery Times for High Efficiency
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
ES1F ES1G ES1H ES1J
VRRM
Maximum Repetitive
Reverse Voltage
300
400
500
600
V
IF(AV)
Average Rectified
Forward Current
1.0
A
IFSM
Non-repetitive Peak
Forward Surge Current
8.3 ms Single
Half-Sine-Wave
(JEDEC method)
30
A
TJ
Operating Junction
Temperature Range
−55 to 150
°C
TSTG
Storage Temperature
Range
−55 to 150
°C
PD
Power Dissipation
1.47
W
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Symbol
Characteristics
Value
Unit
RθJA
Thermal Resistance, Junction−to−Ambient (Note 1)
85
°C/W
RθJC
Thermal Resistance, Junction−to−Case (Note 1)
61
°C/W
RθJL
Thermal Resistance, Junction−to−Lead (Note 1)
35
°C/W
1. P. C. B mounted on 0.2″ × 0.2″ (5 × 5 mm) copper Pad Area.
ELECTRICAL CHARACTERISTICS (TC = 25°C, unless otherwise noted)
Symbol
Characteristics
Value
Unit
ES1F
ES1G
ES1H
ES1J
VF
Maximum Forward Voltage @ IF = 1.0 A
1.3
1.7
V
Trr
Maximum Reverse Recovery Time,
IF = 0.5 A, IR = 1.0 A, IRR = 0.25 A
35
ns
IR
Maximum Reverse Current @ rated VR
TA = 25_C
TA = 100_C
5.0
100
mA
Cj
Typical Junction Capacitance, VR = 4.0 V, f = 1.0 MHz
10.0
8.0
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
SMA (DO−214AC)
Color Band Denotes Cathode
CASE 403AE
Device
Package
Shipping†
ORDERING INFORMATION
ES1F
SMA
(Pb−Free)
7500 /
Tape & Reel
ES1G
SMA
(Pb−Free)
7500 /
Tape & Reel
ES1H
SMA
(Pb−Free)
7500 /
Tape & Reel
ES1J
SMA
(Pb−Free)
7500 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
1
CATHODE
2
ANODE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com